Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1801 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części 2SD1801
Szczegółowy opis  High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1801 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  2SD1801 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1801 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1801 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1801 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Podobny numer części - 2SD1801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SD1801 ONSEMI-2SD1801 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Inchange Semiconductor ...
2SD1801 ISC-2SD1801 Datasheet
332Kb / 3P
   isc Silicon NPN Power Transistor
logo
Guangdong Kexin Industr...
2SD1801-R KEXIN-2SD1801-R Datasheet
1Mb / 3P
   NPN Transistors
2SD1801-S KEXIN-2SD1801-S Datasheet
1Mb / 3P
   NPN Transistors
2SD1801-T KEXIN-2SD1801-T Datasheet
1Mb / 3P
   NPN Transistors
More results

Podobny opis - 2SD1801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com