Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-94529-023 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-94529-023
Szczegółowy opis  5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 5 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94529-023 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-94529-023 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94529-023 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945294105
Status:
Active
Description:
5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 5
Circuits, Glow Wire Compatible
Documents:
Drawing (PDF)
Product Specification PS-94529-002 (PDF)
Product Specification PS-94529-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
94529
Product Name
Pitch 5 Edge Card
Physical
Breakaway
No
Circuits (maximum)
5
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +105°C, -40°C to +85°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Product Specification
PS-94529-001, PS-94529-002
Sales Drawing
SD-94529-023
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94529Series
Mates With
PCB thickness 1.50mm (.059")
Use With
94529-1203 Terminal
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-94529-023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-94529-021 MOLEX11-SD-94529-021 Datasheet
132Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 10 Circuits
SD-94529-025 MOLEX11-SD-94529-025 Datasheet
130Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 9 Circuits
SD-94529-026 MOLEX11-SD-94529-026 Datasheet
127Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 3 Circuits, Glow Wire Compatible
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com