Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-501189-002 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-501189-002
Szczegółowy opis  1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 50 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501189-002 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-501189-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501189-002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5011895010
Status:
Active
Overview:
picoclasp
Description:
1.00mm (.039") Pitch Pico-Clasp™ Wire-to-Board Receptacle Housing, Dual Row, 50
Circuits
Documents:
3D Model
Product Specification PS-501571-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501190-001 (PDF)
General
Product Family
Crimp Housings
Series
501189
Overview
picoclasp
Product Name
Pico-Clasp™
Physical
Breakaway
No
Circuits (maximum)
50
Color - Resin
White
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501189-001
Product Specification
PS-501190-001, PS-501571-001, RPS-501190-001,
RPS-501331-001, RPS-501571-006, RPS-501571-007,
RPS-501571-008
Sales Drawing
SD-501189-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501189Series
Mates With
501190 PCB Header Vertical . 501571 PCB
Header Right Angle
Use With
501193 Crimp Terminal
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-501189-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-501189-002 MOLEX11-SD-501189-002 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 40 Circuits
SD-501189-002 MOLEX11-SD-501189-002 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 30 Circuits
SD-501189-002 MOLEX11-SD-501189-002 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com