Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-91814-001 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części SD-91814-001
Szczegółowy opis  2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 10 Circuits, Tin (Sn) over Nickel (Ni)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91814-001 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  SD-91814-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91814-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91814-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-91814-005
Product Specification
PS-99020-0001
Sales Drawing
SD-91814-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-91814-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 34 Circuits, Tin (Sn)
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 16 Circuits, Tin (Sn) over Nickel (Ni)
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 8 Circuits, Tin
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 30 Circuits, Tin (Sn) over Nickel (Ni)
SD-91814-001 MOLEX11-SD-91814-001 Datasheet
135Kb / 3P
   2.54mm (.100") Pitch C-Grid III Dual Row Right Angle Shrouded Header, 12 Circuits, Tin (Sn)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com