Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-501951-004 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-501951-004
Szczegółowy opis  0.50mm (.020") Pitch Easy-On FFC/FPC Connector, Vertical, SMT, Gold Plating, 30Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501951-004 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-501951-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501951-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501951-004 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501951-004 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501951-004 Datasheet HTML 5Page - Molex Electronics Ltd. SD-501951-004 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5019513010
Status:
Active
Description:
0.50mm (.020") Pitch Easy-On™ FFC/FPC Connector, Vertical, SMT, Gold Plating, 30
Circuits
Documents:
3D Model
Product Specification PS-501951-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
501951
MolexKits
Yes
Product Name
Easy-On™
Physical
Circuits (Loaded)
30
Circuits (maximum)
30
Color - Resin
Brown, Natural
Contact Position
N/A
Durability (mating cycles max)
20
Entry Angle
Vertical
Mated Height (in)
0.159 In
Mated Height (mm)
4.05 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.4A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501951-001
Product Specification
PS-501951-002, RPS-501951-001, RPS-501951-002,
RPS-501951-003, RPS-501951-004, RPS-501951-005,
RPS-501951-006, RPS-501951-007, RPS-501951-009,
RPS-501951-015
Sales Drawing
SD-501951-003, SD-501951-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501951Series


Podobny numer części - SD-501951-004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-501951-004 MOLEX11-SD-501951-004 Datasheet
303Kb / 6P
   0.50mm (.020") Pitch Easy-On FFC/FPC Connector, Vertical, SMT, Gold Plating, 20 Circuits
SD-501951-004 MOLEX11-SD-501951-004 Datasheet
357Kb / 6P
   0.50mm (.020") Pitch Easy-On FFC/FPC Connector, Vertical, SMT, Gold Plating, 70 Circuits
SD-501951-004 MOLEX11-SD-501951-004 Datasheet
303Kb / 6P
   0.50mm (.020") Pitch Easy-On??FFC/FPC Connector, Vertical, SMT, Gold Plating, 40 Circuits
SD-501951-004 MOLEX11-SD-501951-004 Datasheet
303Kb / 6P
   0.50mm (.020") Pitch Easy-On FFC/FPC Connector, Vertical, SMT, Gold Plating, 45 Circuits
SD-501951-004 MOLEX11-SD-501951-004 Datasheet
303Kb / 6P
   0.50mm (.020") Pitch Easy-On FFC/FPC Connector, Vertical, SMT, Gold Plating, 24 Circuits
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com