Zakładka z wyszukiwarką danych komponentów |
|
SD-502584-003 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-502584-003 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd. |
1 / 7 page This document was generated on 05/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5025841360 Status: Active Description: 1.50mm (.059") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row, Vertical, with Pick-and-Place Tape, 13 Circuits Documents: 3D Model Product Specification PS-502584-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Application Specification (PDF) General Product Family PCB Receptacles Series 502584 Application Wire-to-Board Product Name CLIK-Mate™ Physical Circuits (Loaded) 13 Color - Resin Beige Durability (mating cycles max) 30 Glow-Wire Compliant No Guide to Mating Part Yes Keying to Mating Part Yes Lock to Mating Part Yes Mated Height (in) 0.382 In Mated Height (mm) 9.70 mm Material - Metal Copper Alloy Material - Plating Mating Tin Number of Rows 1 Orientation Vertical PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.059 In Pitch - Mating Interface (mm) 1.50 mm Polarized to Mating Part Yes Polarized to PCB Yes Stackable No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 2A Voltage - Maximum 100V Material Info Reference - Drawing Numbers Application Specification AS-502578-001, AS-502578-002 Packaging Specification SPK-502584-001 Product Specification PS-502584-001, RPS-502584-002, RPS-502584-003, RPS-502584-004, RPS-502584-005, RPS-502584-006 Sales Drawing SD-502584-003, SD-502584-004 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502584Series Mates With 502578 Crimp Housing . 502579 Crimp Terminal This document was generated on 05/18/2010 |
Podobny numer części - SD-502584-003 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |