Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-503320-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-503320-001
Szczegółowy opis  0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.65mm (.065") Mated Height, Right Angle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-503320-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-503320-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-503320-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-503320-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-503320-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-503320-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5033203760
Status:
Active
Description:
0.25mm (.010") Pitch Easy-On™ Type FPC Connector, 1.65mm (.065") Mated Height,
Right Angle, SMT, Bottom Contact Style, 37 Circuits
Documents:
3D Model
Product Specification PS-503320-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
503320
Product Name
Easy-On™
Physical
Circuits (Loaded)
37
Contact Position
Bottom
Durability (mating cycles max)
10
Entry Angle
90° Angle
Mated Height (in)
0.065 In
Mated Height (mm)
1.65 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.010 In
Pitch - Mating Interface (mm)
0.25 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-503320-001, RPS-503320-001
Sales Drawing
SD-503320-001, SD-503320-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
503320Series
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-503320-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-503320-001 MOLEX11-SD-503320-001 Datasheet
500Kb / 5P
   0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.65mm (.065") Mated Height, Right Angle
SD-503320-001 MOLEX11-SD-503320-001 Datasheet
500Kb / 5P
   0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.65mm (.065") Mated Height, Right Angle, SMT
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com