Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-91338-006 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-91338-006
Szczegółowy opis  5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit, Natural
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91338-006 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-91338-006 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91338-006 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91338-006 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91338-006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0913383102
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit,
Natural, Silver (Ag) Plating, Reference K02
Documents:
3D Model
Product Specification PS-99020-0037 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
IDT and Solder Connectors
Series
91338
Crimp Quality Equipment
Yes
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Circuits (Loaded)
1
Color - Resin
Natural
Durability (mating cycles max)
10
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Silver
Material - Plating Termination
Silver
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Plating min: Mating (µin)
80
Plating min: Mating (µm)
2
Plating min: Termination (µin)
4
Plating min: Termination (µm)
.10
Stackable
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
18, 20
Electrical
Current - Maximum per Contact
10A, 6A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Application Specification
AS-99033-0004
Product Specification
PS-99020-0037
Sales Drawing
SD-91338-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91338Series
Mates With
Appli-Mate RAST 5.0 Header 90858 , 90879
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
RAST 5.0 Semi-
Automatic
Terminator Machine
for Appli-Mate™
Connector 6 and 10
AMP
0623006300
This document was generated on 05/27/2010


Podobny numer części - SD-91338-006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-91338-006 MOLEX11-SD-91338-006 Datasheet
226Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit, Yellow, Silver (Ag) Plating, Reference K07
SD-91338-006 MOLEX11-SD-91338-006 Datasheet
226Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit, Blue, Silver (Ag) Plating, Reference K03
SD-91338-006 MOLEX11-SD-91338-006 Datasheet
253Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit, Yellow, Tin (Sn) Plating
SD-91338-006 MOLEX11-SD-91338-006 Datasheet
226Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit, Gray, Silver (Ag)
SD-91338-006 MOLEX11-SD-91338-006 Datasheet
226Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Female Connector, Vertical, 1 Circuit, Natural
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com