Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-94030-002 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-94030-002
Szczegółowy opis  Quick Disconnect, Female for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.80mm (.031") Tab
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94030-002 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-94030-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94030-002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0940304021
Status:
Active
Description:
Quick Disconnect, Female for 0.50-1.00mm² (18-20 AWG) wire, Accepts 4.75mm
(.187") x 0.80mm (.031") Tab
Documents:
Drawing (PDF)
Product Specification PS-94030-002 (PDF)
Product Specification PS-94030-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
94030
Crimp Quality Equipment
Yes
Product Name
N/A
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Reel
Plating min: Mating (µin)
80
Plating min: Mating (µm)
2
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Tab Thickness
0.81mm (.032")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.30mm (.130") max.
Wire Size AWG
18, 20, 22, 24
Wire Size mm²
0.50-1.00
Electrical
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-94030-001, PS-94030-002
Sales Drawing
SD-94030-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94030Series
Use With
940956030 , 940956040
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-94030-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-94030-403 MOLEX11-SD-94030-403 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.81mm (.032") Tab
SD-94030-403 MOLEX11-SD-94030-403 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 1.00-2.50mm짼 (14-16 AWG) wire, Accepts 4.75mm (187") x 0.81mm (.032") Tab
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com