Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-105029-101 Arkusz danych(PDF) 2 Page - Molex Electronics Ltd.

Numer części SD-105029-101
Szczegółowy opis  2.00mm (.079") Pitch Battery Connector, Right Angle, 4 Circuits, SMT, Contact Width 0.65mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105029-101 Arkusz danych(HTML) 2 Page - Molex Electronics Ltd.

  SD-105029-101 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105029-101 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105029-101 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1A
Voltage - Maximum
200V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47506-001
Product Specification
PS-105029-101
Sales Drawing
SD-105029-101
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-105029-101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
386Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
386Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
384Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle with Flange, Right Angle, Through Hole
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
381Kb / 6P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, Through Hole, DIP Type
SD-105020-001 MOLEX11-SD-105020-001 Datasheet
385Kb / 6P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, Through Hole, DIP Type
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com