Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-94213-10XX Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-94213-10XX
Szczegółowy opis  5.00mm (.197") Pitch RAST 5 PCB Header, Right Angle, 4 Circuit, Black
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94213-10XX Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-94213-10XX Datasheet HTML 1Page - Molex Electronics Ltd. SD-94213-10XX Datasheet HTML 2Page - Molex Electronics Ltd. SD-94213-10XX Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0942131014
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch RAST 5 PCB Header, Right Angle, 4 Circuit, Black
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
94213
Application
Wire-to-Board
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.20 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.060 In
PCB Thickness Recommended (mm)
1.50 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
25A
Voltage - Maximum
250V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94213Series
Mates With
94540 Housing


Podobny numer części - SD-94213-10XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-94234-009 MOLEX11-SD-94234-009 Datasheet
100Kb / 3P
   SERIAL CONNECTOR OVERMOLDED 5 CKT
SD-94240-001 MOLEX11-SD-94240-001 Datasheet
129Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 3.50mm (.137") Grid, Through Hole, SPS, Vertical, 18 Circuit, Black
SD-94240-001 MOLEX11-SD-94240-001 Datasheet
129Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 3.50mm (.137") Grid, Through Hole, PBT, Vertical, 18 Circuits, Black
SD-94240-003 MOLEX11-SD-94240-003 Datasheet
128Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 3.50mm (.137") Grid, Through Hole, SPS, Vertical, 18 Circuit, Black
SD-94246-002 MOLEX11-SD-94246-002 Datasheet
139Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 2.54mm (.100") Grid, Through Hole, PCT, Vertical, 12 Circuit, Blue
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com