Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-503398-001 Arkusz danych(PDF) 3 Page - Molex Electronics Ltd.

Numer części SD-503398-001
Szczegółowy opis  1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-503398-001 Arkusz danych(HTML) 3 Page - Molex Electronics Ltd.

  SD-503398-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-503398-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-503398-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-503398-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-503398-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Podobny numer części - SD-503398-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-503395-001 MOLEX11-SD-503395-001 Datasheet
498Kb / 5P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, SMT Bottom Entry, 10 Circuits
SD-503395-001 MOLEX11-SD-503395-001 Datasheet
498Kb / 5P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, SMT, Bottom Entry, 4 Circuits
SD-503395-001 MOLEX11-SD-503395-001 Datasheet
498Kb / 5P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, SMT, Bottom Entry, 6 Circuits
SD-503395-001 MOLEX11-SD-503395-001 Datasheet
498Kb / 5P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, SMT, Bottom Entry, 7 Circuits
SD-503395-002 MOLEX11-SD-503395-002 Datasheet
498Kb / 5P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, SMT Bottom Entry, 10 Circuits
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com