Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-130175-002 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-130175-002
Szczegółowy opis  Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130175-002 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-130175-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130175-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130175-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301750006
Status:
Active
Description:
Aero-Motive® Heavy Duty Retractors, Weight Range 8-15 lbs
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130175
Duty
Heavy
Insulated
No
Product Name
Aero-Motive®
Type
Retractors
Woodhead
Yes
Physical
Cable Diameter
2.38mm (.094")
Cable Length
2.40m (7.87' )
Cable Movement
Constant Retraction
Drum Lock
None
Material - Housing
Steel
Material - Wheel
Steel
Mounting Style
Hanging
Packaging Type
Individual Carton
Travel Distance
2.40m (8.0' )
Weight Range
3.6-6.8kg (8.0-15.0 lb)
Wire/Cable Type
Stranded Steel Aircraft Cable
Material Info
Old Part Number
15F
Reference - Drawing Numbers
Sales Drawing
SD-130175-002
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliance
Not Required
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130175Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-130175-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-130175-004 MOLEX11-SD-130175-004 Datasheet
461Kb / 3P
   Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs with Ratchet Lock
More results

Podobny opis - SD-130175-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
1301750008 MOLEX11-1301750008 Datasheet
461Kb / 3P
   Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs with Ratchet Lock
1301750005 MOLEX11-1301750005 Datasheet
39Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 1.8-4.5kg
130175-0050 MOLEX11-130175-0050 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 3.6-10.0kg
130175-0019 MOLEX11-130175-0019 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 0.5-2.3kg
1301750019 MOLEX11-1301750019 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 0.5-2.3kg
130175-0005 MOLEX11-130175-0005 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors,
130172-0391 MOLEX11-130172-0391 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer, Weight Range 31.0-39.0kg
130172-0468 MOLEX11-130172-0468 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer, Weight Range 5.0-9.0kg
130171-0284 MOLEX11-130171-0284 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg
130172-0241 MOLEX11-130172-0241 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer, Weight Range 31.0-39.0kg
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com