Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-502426-002 Arkusz danych(PDF) 5 Page - Molex Electronics Ltd.

Numer części SD-502426-002
Szczegółowy opis  0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical, 1.00mm (.039")
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502426-002 Arkusz danych(HTML) 5 Page - Molex Electronics Ltd.

  SD-502426-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 6Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 7Page - Molex Electronics Ltd. SD-502426-002 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image


Podobny numer części - SD-502426-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-502426-002 MOLEX11-SD-502426-002 Datasheet
551Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
SD-502426-002 MOLEX11-SD-502426-002 Datasheet
551Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
SD-502426-002 MOLEX11-SD-502426-002 Datasheet
357Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
SD-502426-002 MOLEX11-SD-502426-002 Datasheet
551Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
SD-502426-002 MOLEX11-SD-502426-002 Datasheet
551Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com