Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD0926 Arkusz danych(PDF) 4 Page - BeRex Corporation

Numer części BD0926
Szczegółowy opis  Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BEREX [BeRex Corporation]
Strona internetowa  http://www.berex.com
Logo BEREX - BeRex Corporation

BD0926 Arkusz danych(HTML) 4 Page - BeRex Corporation

  BD0926 Datasheet HTML 1Page - BeRex Corporation BD0926 Datasheet HTML 2Page - BeRex Corporation BD0926 Datasheet HTML 3Page - BeRex Corporation BD0926 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BeRex
BD0926
http: //www.berex.com
Suggested PCB Land Pattern and PAD Layout
PCB Land Pattern
PCB Mounting
Ø0.8
0.9
0.65
0.4
2.3
2.2
Ø0.8
Note : All dimension are in millimeters
Visit http://www.berex.com for PCB layout
Lead plating finish
100% Tin Matte finish.
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns)
MSL / ESD Rating
MSL Rating:
Standard:
Level 3 at +265C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
NOTICE
BeRex Corporation reserves the right to make changes of product specification or to
discontinue product at any time without notice.
2
N
9
6
F


Podobny numer części - BD0926

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD0926 BEREX-BD0926 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
More results

Podobny opis - BD0926

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BeRex Corporation
BD09B BEREX-BD09B Datasheet
262Kb / 5P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_18 Datasheet
559Kb / 6P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_18 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
logo
M/A-COM Technology Solu...
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960 Datasheet
98Kb / 4P
   2 Way Power Divider 40-1000MHz
logo
BeRex Corporation
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com