Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G00 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G00
Szczegółowy opis  LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G00 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AUP1G00 Datasheet HTML 1Page - Texas Instruments SN74AUP1G00 Datasheet HTML 2Page - Texas Instruments SN74AUP1G00 Datasheet HTML 3Page - Texas Instruments SN74AUP1G00 Datasheet HTML 4Page - Texas Instruments SN74AUP1G00 Datasheet HTML 5Page - Texas Instruments SN74AUP1G00 Datasheet HTML 6Page - Texas Instruments SN74AUP1G00 Datasheet HTML 7Page - Texas Instruments SN74AUP1G00 Datasheet HTML 8Page - Texas Instruments SN74AUP1G00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DNU – Do not use
N.C. – No internal connection
See mechanical drawings for dimensions.
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(
VIEW)
TOP
DBV PACKAGE
(TOP VIEW)
5
1
2
VCC
Y
4
3
A
B
GND
DCK PACKAGE
(TOP VIEW)
5
1
2
VCC
Y
4
3
A
B
GND
DRL PACKAGE
(TOP VIEW)
5
1
2
VCC
Y
4
3
A
B
GND
DRY PACKAGE
(TOP VIEW)
B
N.C.
A
6
5
4
2
3
GND
Y
VCC
1
GND
Y
3
4
B
2
5
A
6
1
N.C.
VCC
DSF PACKAGE
(TOP VIEW)
GND
A
Y
V
CC
B
3
5
2
1
4
A1
B1
C1
A2
C2
GND
A
Y
V
CC
B
3
6
2
1
4
5
DNU
A1
B1
C1
A2
B2
C2
SN74AUP1G00
www.ti.com
SCES604G – SEPTEMBER 2004 – REVISED MARCH 2010
LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
Check for Samples: SN74AUP1G00
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Package
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 mA Max)
Signal Operation
Low Dynamic-Power Consumption
tpd = 4.8 ns Max at 3.3 V
(Cpd = 4 pF Typ at 3.3 V)
Suitable for Point-to-Point Applications
Low Input Capacitance (Ci = 1.5 pF Typ)
Latch-Up Performance Exceeds 100 mA Per
Low Noise Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
Input Hysteresis Allows Slow Input Transition
1000-V Charged-Device Model (C101)
and Better Switching Noise Immunity at Input
(Vhys = 250 mV Typ at 3.3 V)
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74AUP1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
SN74AUP1G00DBVR TI-SN74AUP1G00DBVR Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DBVR TI-SN74AUP1G00DBVR Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
More results

Podobny opis - SN74AUP1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00_07 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com