Zakładka z wyszukiwarką danych komponentów |
|
TL7702ACDRG4 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
TL7702ACDRG4 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 22 page TL7702A, TL7705A, TL7709A, TL7712A, TL7715A SUPPLY-VOLTAGE SUPERVISORS SLVS028I − APRIL 1983 − REVISED JULY 2009 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 2 30 26 22 18 02 4 6 34 38 ASSERTION TIME vs LOAD RESISTANCE 42 810 RL − Load Resistance − kΩ RESET tr RESET tf VCC = 5 V CT = 0.1 µF CL = 10 pF TA = 25°C Figure 3 4 3 2 1 02 4 6 5 6 DEASSERTION TIME vs LOAD RESISTANCE 7 810 0 RL − Load Resistance − kΩ RESET tf RESET tr VCC = 5 V CT = 0.1 µF CL = 10 pF TA = 25°C Figure 4 32 28 24 20 0 25 50 75 100 125 36 40 ASSERTION TIME vs LOAD CAPACITANCE 44 150 175 200 RESET tr RESET tf VCC = 5 V CT = 0.1 µF RL = 4.7 kΩ TA = 25°C CL − Load Capacitance − pF Figure 5 2.4 2 1.6 1.2 2.8 3.2 DEASSERTION TIME vs LOAD CAPACITANCE 3.6 RESET tf RESET tr VCC = 5 V CT = 0.1 µF RL = 4.7 kΩ TA = 25°C 0 25 50 75 100 125 150 175 200 CL − Load Capacitance − pF 0.8 † For proper operation, both RESET and RESET should be terminated with resistors of similar value. Failure to do so may cause unwanted plateauing in either output waveform during switching. |
Podobny numer części - TL7702ACDRG4 |
|
Podobny opis - TL7702ACDRG4 |