Zakładka z wyszukiwarką danych komponentów |
|
TS3V340_101 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
TS3V340_101 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 30 page TS3V340 QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ONSTATE RESISTANCE SCDS172A - JULY 2004 − REVISED DECEMBER 2004 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION CL (see Note A) TEST CIRCUIT RL Analog Output Waveform (VO) 0 V VCC VOLTAGE WAVEFORMS tpd(s) TIMES NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. C. The outputs are measured one at a time, with one transition per measurement. 50% 50% 50 Ω VG1 VCC DUT 50 Ω VIN VS2 TEST CL RL VS2 3.3 V ± 0.3 V 3.3 V ± 0.3 V VCC VS1 tpds 75 75 20 pF 20 pF GND VCC VCC GND Output Control (VIN) Input Generator VO VS1 IN S1x S2x EN Dx 0 V VOH 90% 90% Figure 6. Test Circuit and Voltage Waveforms |
Podobny numer części - TS3V340_101 |
|
Podobny opis - TS3V340_101 |