Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD17507Q5A Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD17507Q5A
Szczegółowy opis  30V, N-Channel NexFET??Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CSD17507Q5A Arkusz danych(HTML) 3 Page - Texas Instruments

  CSD17507Q5A Datasheet HTML 1Page - Texas Instruments CSD17507Q5A Datasheet HTML 2Page - Texas Instruments CSD17507Q5A Datasheet HTML 3Page - Texas Instruments CSD17507Q5A Datasheet HTML 4Page - Texas Instruments CSD17507Q5A Datasheet HTML 5Page - Texas Instruments CSD17507Q5A Datasheet HTML 6Page - Texas Instruments CSD17507Q5A Datasheet HTML 7Page - Texas Instruments CSD17507Q5A Datasheet HTML 8Page - Texas Instruments CSD17507Q5A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GATE
Source
DRAIN
M0137-02
GATE
Source
DRAIN
M0137-01
t -PulseDuration-s
p
0.0001
0.01
0.1
1
10
100
1k
0.0001
0.01
0.1
1
10
G012
DutyCycle=t /t
1 2
t
1
t
2
TypicalR
=105 C/W(minCu)
T =P
Z
R
q
q
q
JA
J
JA
JA
°
´
´
P
0.001
0.001
SinglePulse
0.01
0.02
0.05
0.1
0.3
0.5
CSD17507Q5A
www.ti.com
SLPS243A – JULY 2010 – REVISED AUGUST 2010
Max RqJA = 51°C/W
Max RqJA = 131°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CSD17507Q5A


Podobny numer części - CSD17507Q5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17507Q5A TI-CSD17507Q5A Datasheet
511Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17507Q5AT TI1-CSD17507Q5AT Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17507Q5A TI-CSD17507Q5A_11 Datasheet
511Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

Podobny opis - CSD17507Q5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com