Zakładka z wyszukiwarką danych komponentów |
|
TL431BCPWE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
TL431BCPWE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 76 page TL431, TL431A, TL431B TL432, TL432A, TL432B SLVS543K – AUGUST 2004 – REVISED JUNE 2010 www.ti.com ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VKA Cathode voltage(2) 37 V IKA Continuous cathode current range –100 150 mA II(ref) Reference input current range –0.05 10 mA TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to ANODE, unless otherwise noted. PACKAGE THERMAL DATA (1) PACKAGE BOARD qJC qJA PDIP (P) High K, JESD 51-7 57°C/W 85°C/W SC-70 (DCK) High K, JESD 51-7 259°C/W 87°C/W SOIC (D) High K, JESD 51-7 39°C/W 97°C/W SOP (PS) High K, JESD 51-7 46°C/W 95°C/W SOT-89 (PK) High K, JESD 51-7 9°C/W 52°C/W SOT-23-5 (DBV) High K, JESD 51-7 131°C/W 206°C/W SOT-23-3 (DBZ) High K, JESD 51-7 76°C/W 206°C/W TO-92 (LP) High K, JESD 51-7 55°C/W 140°C/W TSSOP (PW) High K, JESD 51-7 65°C/W 149°C/W (1) Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VKA Cathode voltage Vref 36 V IKA Cathode current 1 100 mA TL43xxC 0 70 TA Operating free-air temperature TL43xxI –40 85 °C TL43xxQ –40 125 10 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |
Podobny numer części - TL431BCPWE4 |
|
Podobny opis - TL431BCPWE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |