Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML0040TRPBF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRLML0040TRPBF
Szczegółowy opis  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML0040TRPBF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRLML0040TRPBF Datasheet HTML 2Page - International Rectifier IRLML0040TRPBF Datasheet HTML 3Page - International Rectifier IRLML0040TRPBF Datasheet HTML 4Page - International Rectifier IRLML0040TRPBF Datasheet HTML 5Page - International Rectifier IRLML0040TRPBF Datasheet HTML 6Page - International Rectifier IRLML0040TRPBF Datasheet HTML 7Page - International Rectifier IRLML0040TRPBF Datasheet HTML 8Page - International Rectifier IRLML0040TRPBF Datasheet HTML 9Page - International Rectifier IRLML0040TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLML0040TRPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/2010
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Refer to application note #AN-994.
MS L1
(per IPC/JE DEC J-S T D-020D
††† )
RoHS compliant
Yes
Micro3
Qualification information
Moisture Sensitivity Level
Qualification level
Consumer
††
(per JEDE C JE S D47F
††† guidelines )
Note
Form
Quantity
IRLML0040TRPbF
Micro3
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack


Podobny numer części - IRLML0040TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML0040TRPBF IRF-IRLML0040TRPBF Datasheet
197Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
logo
ZP Semiconductor
IRLML0040TRPBF ZPSEMI-IRLML0040TRPBF Datasheet
262Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML0040TRPBF VBSEMI-IRLML0040TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - IRLML0040TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com