Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5755ACPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5755ACPZ
Szczegółowy opis  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5755ACPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5755ACPZ Datasheet HTML 3Page - Analog Devices AD5755ACPZ Datasheet HTML 4Page - Analog Devices AD5755ACPZ Datasheet HTML 5Page - Analog Devices AD5755ACPZ Datasheet HTML 6Page - Analog Devices AD5755ACPZ Datasheet HTML 7Page - Analog Devices AD5755ACPZ Datasheet HTML 8Page - Analog Devices AD5755ACPZ Datasheet HTML 9Page - Analog Devices AD5755ACPZ Datasheet HTML 10Page - Analog Devices AD5755ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 7 of 34
AC PSRR
TBD
dB
100mV 150KHz Sine wave superimposed on
power supply voltage
AC PSRR
TBD
dB
200mV 50/60Hz Sine wave superimposed on
power supply voltage
Current Output
Output Current Settling Time
TBD
TBD
µs typ
To 0.1% FSR
-
ms typ
See Figure 7 and Figure 8
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.1
LSB p-p
(16-Bit LSB)
Output Noise (100 kHz Bandwidth)
80
µV rms
Output Noise Spectral Density
TBD
nV/√Hz
Measured at 10 kHz
Slew Rate
TBD
uA/µs
TBD
µs
To 0.1% FSR. See Figure 7 and Figure 8 for
plots with a channels DC-DC enabled.
1 Guaranteed by characterization, not production tested.


Podobny numer części - AD5755ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5755ACPZ-REEL7 AD-AD5755ACPZ-REEL7 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
More results

Podobny opis - AD5755ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com