Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4010 Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI4010
Szczegółowy opis  CRYSTAL-LESS SOC RF TRANSMITTER
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4010 Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI4010 Datasheet HTML 7Page - Silicon Laboratories SI4010 Datasheet HTML 8Page - Silicon Laboratories SI4010 Datasheet HTML 9Page - Silicon Laboratories SI4010 Datasheet HTML 10Page - Silicon Laboratories SI4010 Datasheet HTML 11Page - Silicon Laboratories SI4010 Datasheet HTML 12Page - Silicon Laboratories SI4010 Datasheet HTML 13Page - Silicon Laboratories SI4010 Datasheet HTML 14Page - Silicon Laboratories SI4010 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
Rev. 0.5
11
Si4010
1. System Overview
The Si4010 is a fully integrated crystal-less CMOS SoC RF transmitter with an embedded CIP-51 8051
MCU designed for the sub 1 GHz ISM frequency bands. This chip is optimized for battery powered applica-
tions with operating voltages from 1.8 to 3.6 V and ultra-low current consumption with a standby current of
less than 10 nA. The high power amplifier can supply up to +10 dBm output power with 19.5 dB of pro-
grammable range. Moreover, the SoC transmitter includes a patented antenna tuning circuit that automati-
cally fine tunes the resonance frequency and impedance matching between the PA output and the
connected antenna for optimum transmit efficiency and low harmonic content. FSK and OOK modulation is
supported with symbol rates up to 100 kbps. Like all wireless devices, users are responsible for complying
with applicable local regulatory requirements for radio transmissions.
The embedded CIP-51 8051 MCU provides the core functionality of the Si4010. User software has com-
plete control of all peripherals, and may individually shut down any or all peripherals for power savings. A
space of 8 kB of on-chip one-time programmable NVM memory is available to store the user program and
can also store unique transmit IDs. In case of power outages due to battery removal, 128 bits of EEPROM
is available for counter or other operations providing non-volatile storage capability. A library of useful soft-
ware functions such as AES encryption, a patented 32-bit counter providing 1 M cycles of read/write
endurance, and many other functions are included in the 12 kB of ROM to reduce user design time and
code space. General purpose input/output pins with push button wake-on touch capability, a programma-
ble system clock, and ultra low power timers are also available to further reduce current consumption.
The Si4010 includes Silicon Laboratories' 2-wire C2 Debug and Programming interface. This debug logic
supports memory inspection, viewing and modification of special function registers (SFR), setting break
points, single stepping, and run and halt commands. All analog and digital peripherals are fully functional
while debugging using C2. The two C2 interface pins can be shared with user functions, allowing in-system
debugging without occupying package pins.
The device leverages Silicon Labs' patented and proven crystal-less oscillator technology and offers better
than ±150 ppm carrier frequency stability over the temperature range of 0 to + 70 °C and ±250 ppm carrier
frequency stability over the industrial range of –40 to + 85 °C without the use of an external crystal or fre-
quency reference. The internal MCU automatically calibrates the on-chip voltage controlled oscillator
(LCOSC) which forms the output carrier frequency for process and temperature variations. An external 1-
pin crystal oscillator option is available for applications requiring tighter frequency tolerances.
Digital integration reduces the amount of required external components compared to traditional offerings,
resulting in a solution that only requires a printed circuit board (PCB) implementation area of approximately
25 by 50 mm (including battery, switches, and 25 mm2 antenna). The high integration of the Si4010
improves the system manufacturing reliability and quality and minimizes costs. This chip offers industry
leading RF performance, high integration, flexibility, low BOM, small board area, and ease of design. No
production alignment is necessary as all RF functions are integrated into the device.


Podobny numer części - SI4010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
Si4010-C2-AS SILABS-Si4010-C2-AS Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-AS SILABS-SI4010-C2-AS Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
More results

Podobny opis - SI4010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
SI4012 SILABS-SI4012 Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
logo
Fujitsu Component Limit...
MB9G711 FUJITSU-MB9G711 Datasheet
1Mb / 2P
   SoC for 'CD-Less' Car Audio System
logo
List of Unclassifed Man...
TWS-434 ETC2-TWS-434 Datasheet
223Kb / 2P
   RF TRANSMITTER
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com