Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4012 Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI4012
Szczegółowy opis  CRYSTAL-LESS RF TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4012 Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI4012 Datasheet HTML 2Page - Silicon Laboratories SI4012 Datasheet HTML 3Page - Silicon Laboratories SI4012 Datasheet HTML 4Page - Silicon Laboratories SI4012 Datasheet HTML 5Page - Silicon Laboratories SI4012 Datasheet HTML 6Page - Silicon Laboratories SI4012 Datasheet HTML 7Page - Silicon Laboratories SI4012 Datasheet HTML 8Page - Silicon Laboratories SI4012 Datasheet HTML 9Page - Silicon Laboratories SI4012 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Si4012
6
Rev 0.1
Transmit Power3
Maximum programmed Tx
power, with optimum differential
load, VDD > 2.2 V
10
dBm
Minimum programmed TX
power, with optimum differential
load,
VDD > 2.2 V
—–13
dBm
Power variation vs temp and
supply, with optimum differential
load, VDD >2.2 V
–1.0
0.5
dB
Power variation vs temp and
supply, with optimum differential
load, VDD >1.8 V
–2.5
0.5
dB
Transmit power step size
from –13 to 6.5 dBm
—0.25
dB
PA Edge Ramp Rate
Programmable Range
OOK mode
0.34
10.7
us
Data Rate
OOK
0.1
50
kbaud
FSK
0.1
100
kbaud
Table 3. Si4012 RF Transmitter Characteristics (Continued)
(TA = 25° C, VDD = 3.3 V, RL = 550
, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The frequency range is continuous over the specified range.
2. The frequency step size is limited by the frequency noise.
3. Optimum differential load is equal to 4 V/(11.5mA/2 * 4/PI) = 550
Therefore the antenna load resistance in parallel
with the Si4012 differential output resistance should equal 600



Podobny numer części - SI4012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4012 ETC2-SI4012 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4012 ETC2-SI4012 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4012 SILABS-Si4012 Datasheet
76Kb / 1P
   Silicon Labs is adding an Automotive Qualified option for the Si4012
SI4012-C1001AT SILABS-SI4012-C1001AT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
More results

Podobny opis - SI4012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
List of Unclassifed Man...
TWS-434 ETC2-TWS-434 Datasheet
223Kb / 2P
   RF TRANSMITTER
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com