Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7242BCPZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADF7242BCPZ
Szczegółowy opis  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 2Page - Analog Devices ADF7242BCPZ Datasheet HTML 3Page - Analog Devices ADF7242BCPZ Datasheet HTML 4Page - Analog Devices ADF7242BCPZ Datasheet HTML 5Page - Analog Devices ADF7242BCPZ Datasheet HTML 6Page - Analog Devices ADF7242BCPZ Datasheet HTML 7Page - Analog Devices ADF7242BCPZ Datasheet HTML 8Page - Analog Devices ADF7242BCPZ Datasheet HTML 9Page - Analog Devices ADF7242BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
ADF7242
Rev. 0 | Page 6 of 108
SPECIFICATIONS
VDD_BAT = 1.8 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD_BAT = 3.6 V,
TA = 25°C, fCHANNEL = 2450 MHz. All measurements are performed using the ADF7242 reference design, RFIO2 port, unless otherwise
noted.
GENERAL SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
GENERAL PARAMETERS
Voltage Supply Range
VDD_BAT Input
1.8
3.6
V
Frequency Range
2400
2483.5
MHz
Operating Temperature Range
−40
+85
°C
Data Rate
GFSK/FSK Mode
50
2000
kbps
IEEE 802.15.4-2006 Mode
250
kbps
Resolution
100
bps
Applies to FSK modes only
RF FREQUENCY SYNTHESIZER SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions
CHANNEL FREQUENCY RESOLUTION
10
kHz
Applies to GFSK/FSK modes
PHASE ERROR
3
Degrees
Receive mode; any data rate, IEEE 802.15.4-2006 or
GFSK/FSK mode; integration bandwidth from 10 kHz
to 400 kHz
1.5
Degrees
Transmit mode; IEEE 802.15.4-2006, 2 Mbps to
290 kbps, GFSK/FSK/GMSK/MSK mode; integration
bandwidth from 10 kHz to 1800 kHz
2
Degrees
Transmit mode; 289.9 kbps to 184 kbps
GFSK/FSK/GMSK/MSK mode; integration bandwidth
from 10 kHz to 800 kHz
2.5
Degrees
Transmit mode; 183.9 kbps to 50 kbps
GFSK/FSK/GMSK/MSK mode; integration bandwidth
from 10 kHz to 500 kHz
VCO CALIBRATION TIME
52
μs
Applies to all modes
SYNTHESIZER SETTLING TIME
Frequency synthesizer settled to <±5 ppm of the
target frequency within this time following a VCO
calibration
53
μs
Receive mode; any data rate, IEEE 802.15.4-2006 or
GFSK/FSK mode
80
μs
Transmit mode; IEEE 802.15.4-2006, 2 Mbps to
289.6 kbps GFSK/FSK mode
39
μs
Transmit mode; 289.7 kbps to 184 kbps GFSK/FSK
mode
35
μs
Transmit mode; 183.9 kbps to 50 kbps GFSK/FSK
mode
PHASE NOISE
Receive mode; any data rate, IEEE 802.15.4-2006 or
GFSK/FSK mode
−135
dBc/Hz
10 MHz frequency offset
−145
dBc/Hz
≥50 MHz frequency offset
REFERENCE AND CLOCK-RELATED
SPURIOUS
70
dBc
Receive mode; IEEE 802.15.4-2006 or GFSK/FSK
mode; fCHANNEL = 2405 MHz, 2450 MHz, and 2480 MHz


Podobny numer części - ADF7242BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
   Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Podobny opis - ADF7242BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
   Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com