Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5408BCPZ-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG5408BCPZ-REEL7
Szczegółowy opis  High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5408BCPZ-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG5408BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG5408BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADG5408/ADG5409
Rev. 0 | Page 10 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
EN
VSS
S1
S4
S3
S2
A0
A2
GND
VDD
S7
S6
S5
A1
ADG5408
TOP VIEW
(Not to Scale)
9
DS8
PIN 1
INDICATOR
1
VSS
NOTES
1. THE EXPOSED PAD IS
CONNECTED INTERNALLY. FOR
INCREASED RELIABILITY OF THE
SOLDER JOINTS AND MAXIMUM
THERMAL CAPABILITY, IT IS
RECOMMENDED THAT THE PAD BE
SOLDERED TO THE SUBSTRATE, VSS.
2
S1
3
S2
4
S3
11 VDD
12 GND
10 S5
9S6
TOP VIEW
(Not to Scale)
ADG5408
Figure 2. ADG5408 Pin Configuration (TSSOP)
Figure 3. ADG5408 Pin Configuration (LFCSP)
Table 8. ADG5408 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off. When high,
Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected
to ground.
4
2
S1
Source Terminal 1. This pin can be an input or an output.
5
3
S2
Source Terminal 2. This pin can be an input or an output.
6
4
S3
Source Terminal 3. This pin can be an input or an output.
7
5
S4
Source Terminal 4. This pin can be an input or an output.
8
6
D
Drain Terminal. This pin can be an input or an output.
9
7
S8
Source Terminal 8. This pin can be an input or an output.
10
8
S7
Source Terminal 7. This pin can be an input or an output.
11
9
S6
Source Terminal 6. This pin can be an input or an output.
12
10
S5
Source Terminal 5. This pin can be an input or an output.
13
11
VDD
Most Positive Power Supply Potential.
14
12
GND
Ground (0 V) Reference.
15
13
A2
Logic Control Input.
16
14
A1
Logic Control Input.
EP
Exposed Pad
The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the pad be soldered to the substrate, VSS.
Table 9. ADG5408 Truth Table
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8


Podobny numer części - ADG5408BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5408BCPZ-REEL7 AD-ADG5408BCPZ-REEL7 Datasheet
384Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
More results

Podobny opis - ADG5408BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5408 AD-ADG5408_12 Datasheet
384Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com