Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS26 Arkusz danych(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Numer części SS26
Szczegółowy opis  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Strona internetowa  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SS26 Arkusz danych(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SS26 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SS26 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. SS26 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS22-S210, Rev. C
Schottky Rectifiers
(continued)
Typical Characteristics
50
60
70
80
90
100 110 120 130 140 150
0
0.5
1
1.5
2
Lead Temperature [ºC]
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 8.0x8.0mm
COPPER PAD AREAS
12
5
10
20
50
100
0
10
20
30
40
50
60
Number of Cycles at 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
0.5
1
5
10
20
50 100
10
20
50
100
200
500
Reverse Voltage, V
R [V]
f = 1.0 MHz
Vsig = 50mVp-p
T = 25 C
º
A
SS22-24
SS25-S210
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.1
1
5
10
20
50
Forward Voltage, V
F [V]
f = 1.0 MHz
Vsig = 50mVp-p
T = 25 C
º
A
SS22-24
SS25-26
SS28 - S210
0
20406080
100
120
140
0.001
0.01
0.1
1
10
Reverse Voltage, V
R[V]
T = 100 C
º
A
T = 75 C
º
A
T = 25 C
º
A
SS22-24
SS25-S210
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Reverse Current vs Reverse Voltage
Figure 4. Total Capacitance
Figure 5. Non-Repetitive Surge Current
Web Site: WWW.PS-PFS.COM


Podobny numer części - SS26

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SS26 MCC-SS26 Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS26 YIXIN-SS26 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS26 YANGJIE-SS26 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SS26 FS-SS26 Datasheet
232Kb / 2P
   Schottky Rectifier
More results

Podobny opis - SS26

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com