Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5354 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN5354
Szczegółowy opis  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN5354 Datasheet HTML 1Page - Fairchild Semiconductor FAN5354 Datasheet HTML 2Page - Fairchild Semiconductor FAN5354 Datasheet HTML 3Page - Fairchild Semiconductor FAN5354 Datasheet HTML 4Page - Fairchild Semiconductor FAN5354 Datasheet HTML 5Page - Fairchild Semiconductor FAN5354 Datasheet HTML 6Page - Fairchild Semiconductor FAN5354 Datasheet HTML 7Page - Fairchild Semiconductor FAN5354 Datasheet HTML 8Page - Fairchild Semiconductor FAN5354 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2010
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.4
FAN5354
3MHz, 3A Synchronous Buck Regulator
Features
3MHz Fixed-Frequency Operation
Best-in-Class Load Transient
3A Output Current Capability
2.7V to 5.5V Input Voltage Range
Adjustable Output Voltage: 0.8 to VIN•0.9
PFM Mode for High Efficiency in Light Load (Forced PWM
Available on MODE Pin)
Minimum PFM Frequency Avoids Audible Noise
270µA Typical Quiescent Current in PFM Mode
External Frequency Synchronization
Low Ripple Light-Load PFM Mode with Forced
PWM Control
Power Good Output
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
12-Lead 3x3.5mm MLP
Applications
Set-Top Box
Hard Disk Drive
Communications Cards
DSP Power
Description
The FAN5354 is a step-down switching voltage regulator that
delivers an adjustable output from an input voltage supply of
2.7V to 5.5V. Using a proprietary architecture with
synchronous rectification, the FAN5354 is capable of
delivering 3A at over 85% efficiency, while maintaining a
very high efficiency of over 80% at load currents as low as
2mA. The regulator operates at a nominal fixed frequency of
3MHz, which reduces the value of the external components
to 470nH for the output inductor and 10µF for the output
capacitor. Additional output capacitance can be added to
improve regulation during load transients without affecting
stability and inductance up to 1.2µH may be used with
additional output capacitance.
At moderate and light loads, pulse frequency modulation
(PFM) is used to operate the device in power-save mode
with a typical quiescent current of 270µA. Even with such a
low quiescent current, the part exhibits excellent transient
response during large load swings. At higher loads, the
system automatically switches to fixed-frequency control,
operating at 3MHz. In shutdown mode, the supply current
drops below 1µA, reducing power consumption. PFM mode
can be disabled if constant frequency is desired. To avoid
audible noise, the regulator limits its minimum PFM
frequency. The FAN5354 is available in 12-lead 3x3.5mm
MLP package.
Figure 1. Typical Application
Ordering Information
Part Number
Temperature Range
Package
Packing Method
FAN5354MPX
-40 to 85°C
MLP-12, 3x3.5mm
Tape and Reel


Podobny numer części - FAN5354

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5354 FAIRCHILD-FAN5354 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
logo
Fairchild Semiconductor
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN53541UCX FAIRCHILD-FAN53541UCX Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results

Podobny opis - FAN5354

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com