Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1294_1008 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS1294_1008
Szczegółowy opis  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1294_1008 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1294_1008 Datasheet HTML 4Page - Texas Instruments ADS1294_1008 Datasheet HTML 5Page - Texas Instruments ADS1294_1008 Datasheet HTML 6Page - Texas Instruments ADS1294_1008 Datasheet HTML 7Page - Texas Instruments ADS1294_1008 Datasheet HTML 8Page - Texas Instruments ADS1294_1008 Datasheet HTML 9Page - Texas Instruments ADS1294_1008 Datasheet HTML 10Page - Texas Instruments ADS1294_1008 Datasheet HTML 11Page - Texas Instruments ADS1294_1008 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ADS1294
, ADS1296
ADS1298
SBAS459E – JANUARY 2010 – REVISED AUGUST 2010
www.ti.com
Table 3. Input-Referred Noise (mVRMS/mVPP) in High-Resolution Mode
5V Analog Supply and 4V Reference(1)
DR BITS OF
OUTPUT
–3dB
CONFIG1
DATA RATE
BANDWIDTH
PGA
PGA
PGA
PGA
PGA
PGA
PGA
REGISTER
(SPS)
(Hz)
GAIN = 1
GAIN = 2
GAIN = 3
GAIN = 4
GAIN = 6
GAIN = 8
GAIN = 12
000
32000
8398
521/5388
260/2900
173/1946
130/1403
87/917
65/692
44/483
001
16000
4193
86/1252
43/633
29/402
22/298
15/206
11/141
7/91
010
8000
2096
17/207
9/112
6/71
4/57
3/36
3/29
2/18
011
4000
1048
6.4/48.2
3.4/25.9
2.417.7
1.9/15.4
1.5/11.2
1.3/9.6
1.1/8.2
100
2000
524
4.2/29.9
2.3/15.9
1.6/11.1
1.3/9.3
1.0/7.5
0.9/6.6
0.8/5.8
101
1000
262
2.9/18.8
1.6/10.4
1.1/7.8
0.9/6.1
0.7/4.9
0.6/4.7
0.6/3.9
110
500
131
2.0/12.8
1.1/7.2
0.8/5.2
0.7/4.0
0.5/3.3
0.5/3.3
0.4/2.7
(1)
At least 1000 consecutive readings were used to calculate the RMS and peak-to-peak noise values in this table.
Table 4. Input-Referred Noise (mVRMS/mVPP) in Low-Power Mode
5V Analog Supply and 4V Reference(1)
DR BITS OF
OUTPUT
–3dB
CONFIG1
DATA RATE
BANDWIDTH
PGA
PGA
PGA
PGA
PGA
PGA
PGA
REGISTER
(SPS)
(Hz)
GAIN = 1
GAIN = 2
GAIN = 3
GAIN = 4
GAIN = 6
GAIN = 8
GAIN = 12
000
16000
4193
526/5985
263/2953
175/1918
132/1410
88/896
66/681
44/458
001
8000
2096
88/1201
44/619
29/411
22/280
15/191
11/139
7/83
010
4000
1048
17/208
9/103
6/62
4/52
3/37
2/25
2/16
011
2000
524
6.0/41.1
3.3/23.3
2.2/15.5
1.8/12.3
1.3/9.8
1.1/7.8
0.9/6.5
100
1000
262
4.1/27.1
2.3/14.8
1.5/10.1
1.2/8.1
0.9/6.0
0.8/5.4
0.7/4.4
101
500
131
2.9/17.4
1.6/9.6
1.1/6.6
0.9/5.9
0.7/4.3
0.6/3.4
0.5/3.2
110
250
65
2.1/11.9
1.1/6.6
0.8/4.6
0.6/3.7
0.5/3.0
0.4/2.5
0.4/2.2
(1)
At least 1000 consecutive readings were used to calculate the RMS and peak-to-peak noise values in this table.
Table 5. Typical WCT Performance
ANY ONE
ANY TWO
ALL THREE
PARAMETER
(A, B, or C)
(A+B, A+C, or B+C)
(A+B+C)
UNIT
Integrated noise
540
382
312
nVRMS
Power
53
59
65
mA
–3dB BW
30
59
89
kHz
Slew rate
BW limited
BW limited
BW limited
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1296 ADS1298


Podobny numer części - ADS1294_1008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Podobny opis - ADS1294_1008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com