Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NZX33A Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części NZX33A
Szczegółowy opis  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX33A Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button NZX33A Datasheet HTML 3Page - NXP Semiconductors NZX33A Datasheet HTML 4Page - NXP Semiconductors NZX33A Datasheet HTML 5Page - NXP Semiconductors NZX33A Datasheet HTML 6Page - NXP Semiconductors NZX33A Datasheet HTML 7Page - NXP Semiconductors NZX33A Datasheet HTML 8Page - NXP Semiconductors NZX33A Datasheet HTML 9Page - NXP Semiconductors NZX33A Datasheet HTML 10Page - NXP Semiconductors NZX33A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
7 of 12
NXP Semiconductors
NZX series
Single Zener diodes
Table 9.
Characteristics per type; NZX20A to NZX36X
Tj =25 °C unless otherwise specified.
NZXxxx
Sel
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
IZ =2mA
IZ =2mA
Min
Max
Max
Max
VR (V)
20
A
18.8
19.7
60
0.05
14
B
19.5
20.4
C
20.2
21.2
22
A
20.9
21.9
65
0.05
15.4
B
21.6
22.6
C
22.3
23.3
24
A
22.9
24.0
70
0.05
16.8
B
23.6
24.7
C
24.3
25.5
X
22.61
23.77
27
A
25.2
26.6
80
0.05
18.9
B
26.2
27.6
C
27.2
28.6
X
26.99
28.39
30
A
28.2
29.6
100
0.05
21
B
29.2
30.6
C
30.2
31.6
X
29.02
30.51
33
A
31.2
32.6
120
0.05
23.1
B
32.2
33.6
C
33.2
34.5
36
A
34.2
35.7
140
0.05
25.2
B
35.3
36.8
C
36.4
38.0
X
35.36
37.19


Podobny numer części - NZX33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
NZX36X NEXPERIA-NZX36X Datasheet
937Kb / 13P
   Single Zener diodes
Rev. 4 - 28 November 2011
More results

Podobny opis - NZX33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com