Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7324 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7324
Szczegółowy opis  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7324 Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7324 Datasheet HTML 1Page - International Rectifier IRF7324 Datasheet HTML 2Page - International Rectifier IRF7324 Datasheet HTML 3Page - International Rectifier IRF7324 Datasheet HTML 4Page - International Rectifier IRF7324 Datasheet HTML 5Page - International Rectifier IRF7324 Datasheet HTML 6Page - International Rectifier IRF7324 Datasheet HTML 7Page - International Rectifier IRF7324 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
6/26/00
IRF7324
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Parameter
Max.
Units
VDS
Drain-Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-9.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-7.1
A
IDM
Pulsed Drain Current

-71
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.0
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.3
W
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
VDSS = -20V
RDS(on) = 0.018Ω
New trench HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
This benefit, combined with the ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in battery and load management
applications.
q
Trench Technology
q
Ultra Low On-Resistance
q
Dual P-Channel MOSFET
q
Low Profile (<1.1mm)
q
Available in Tape & Reel
q
2.5V Rated
Description
PD -93799A
D1
D1
D2
D2
G1
S2
G2
S1
To p V ie w
8
1
2
3
4
5
6
7
SO-8


Podobny numer części - IRF7324

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
IRF7324 UMW-IRF7324 Datasheet
365Kb / 8P
   Dual P-Channel MOSFET
logo
International Rectifier
IRF7324D1 IRF-IRF7324D1 Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1PBF IRF-IRF7324D1PBF Datasheet
134Kb / 8P
   FETKY?줞OSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324PBF IRF-IRF7324PBF Datasheet
164Kb / 8P
   HEXFET Power MOSFET(-20V, 0.018ohm)
More results

Podobny opis - IRF7324

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com