Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21060BFH625Z-TK Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL21060BFH625Z-TK
Szczegółowy opis  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060BFH625Z-TK Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL21060BFH625Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060BFH625Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN6706.3
December 16, 2008
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
NC
No Connect; Do Not Connect
2
GND
Ground Connection
3
EN
Enable Input. Active High. Do not Float.
4
VIN
Input Voltage Connection
5
VOUTS
Voltage Reference Output Connection (Sense)
6
VOUTF
Voltage Reference Output Connection (Force)
Ordering Information
PART NUMBER
(Note)
PART
MARKING
VOUT OPTION
(V)
GRADE
(mV)
TEMP. RANGE
(ppm/°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL21060BFH620Z-TK*
GACB
2.048
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH620Z-TK*
GACD
2.048
2.5
25
6 Ld SOT-23
MDP0038
ISL21060BFH625Z-TK*
GAEA
2.500
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH625Z-TK*
GAGA
2.500
2.5
25
6 Ld SOT-23
MDP0038
ISL21060BFH630Z-TK*
GAHA
3.000
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH630Z-TK*
GAJA
3.000
2.5
25
6 Ld SOT-23
MDP0038
ISL21060CFH633Z-TK*
GAPA
3.300
2.5
25
6 Ld SOT-23
MDP0038
ISL21060BFH641Z-TK*
GACC
4.096
1.0
10
6 Ld SOT-23
MDP0038
ISL21060CFH641Z-TK*
GACE
4.096
2.5
25
6 Ld SOT-23
MDP0038
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
ISL21060


Podobny numer części - ISL21060BFH625Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060BFH625Z-TK INTERSIL-ISL21060BFH625Z-TK Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060BFH625Z-TK RENESAS-ISL21060BFH625Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Podobny opis - ISL21060BFH625Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com