Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54217IRTZ Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL54217IRTZ
Szczegółowy opis  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217IRTZ Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL54217IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN6817.4
June 17, 2010
Pin Descriptions
µTQFN
TQFN
NAME
FUNCTION
1
1
2D+
USB2 Differential Input
2
2
L
Audio Left Input
3
3
R
Audio Right Input
4
4
1D-
USB1 Differential Input
5
5
1D+
USB1 Differential Input
6
6
GND
Ground Connection
7
7
COM+
Voice and Data Common Pin
8
8
COM-
Voice and Data Common Pin
9
9
C1
Digital Control Input
10
10
C0
Digital Control Input
11
11
VDD
Power Supply
12
12
2D-
USB2 Differential Input
-
PD
PD
Thermal Pad. Tie to Ground or Float
Truth Table
CURRENT
CODE
LAST CODE
MODE
SHUNT SWITCHES
INTERNAL REGISTER
C1
C0
C1
C0
CLICK/POP AUDIO
SHUNTS
1kΩ COM SHUNTS
00
X
X
All Switches Off
ON
OFF
0
0
1
X
X
USB1
ON
OFF
0
10
00
USB2
ON
OFF
0
10
01
USB2
ON
OFF
0
10
10
USB2
ON
OFF
0
11
X
X
AUDIO
OFF
OFF
1
10
10
MUTE
OFF
ON
1
10
11
MUTE
OFF
ON
1
NOTE: C0, C1: Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V with VDD in the range of 2.7V to 3.6V.
Ordering Information
PART NUMBER
(Note 5)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54217IRUZ-T (Notes 2, 3)
GP
-40 to +85
12 Ld 2.2mmx1.4mm µTQFN (Tape and Reel)
L12.2.2x1.4A
ISL54217IRTZ (Note 4)
4217
-40 to +85
12 Ld 3mmx3mm TQFN
L12.3x3A
ISL54217IRTZ-T (Notes 2, 4)
4217
-40 to +85
12 Ld 3mmx3mm TQFN (Tape and Reel)
L12.3x3A
ISL54217EVAL1Z
Evaluation Board
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL54217. For more information on MSL please
see techbrief TB363.
ISL54217


Podobny numer części - ISL54217IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54217IRTZ INTERSIL-ISL54217IRTZ Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217IRTZ INTERSIL-ISL54217IRTZ Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
logo
Renesas Technology Corp
ISL54217IRTZ RENESAS-ISL54217IRTZ Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
More results

Podobny opis - ISL54217IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com