Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54211 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL54211
Szczegółowy opis  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54211 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL54211 Datasheet HTML 1Page - Intersil Corporation ISL54211 Datasheet HTML 2Page - Intersil Corporation ISL54211 Datasheet HTML 3Page - Intersil Corporation ISL54211 Datasheet HTML 4Page - Intersil Corporation ISL54211 Datasheet HTML 5Page - Intersil Corporation ISL54211 Datasheet HTML 6Page - Intersil Corporation ISL54211 Datasheet HTML 7Page - Intersil Corporation ISL54211 Datasheet HTML 8Page - Intersil Corporation ISL54211 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN6662.1
ISL54211
MP3/USB 2.0 High Speed Switch with
Negative Signal Handling/Click and Pop
Suppression
The Intersil ISL54211 dual SPDT (Single Pole/Double Throw)
switches combine low distortion audio and accurate USB 2.0
high speed data (480Mbps) signal switching in the same low
voltage device. When operated with a 2.7V to 5.0V single
supply these analog switches allow audio signal swings
below-ground, allowing the use of a common USB and audio
headphone connector in Personal Media Players and other
portable battery powered devices.
The ISL54211 logic control pins are 1.8V compatible with a
supply voltage of 2.7V to 3.6V, which allows for control via a
standard µcontroller.
The part has an audio enable control pin (CTRL) to open all
in-line switches and activate the audio click and pop circuitry.
The high OFF-isolation and special click/pop circuitry of the
audio switches eliminates click and pops in the head-phones
when the audio CODEC drivers are powering up or down or
when a headphone is inserted or removed from the
headphone jack.
It’s available in a tiny 10 Ld 1.8mmx1.4mm ultra-thin µTQFN
package and a 10 Ld 3mmx3mm TDFN package. It operates
over a temperature range of -40 to +85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability
• Clickless/Popless Audio Switches
• Enable Control Pin (CTRL) to Open all Switches
• Low Distortion Headphone Audio Signals
- THD+N at 1mW into 32
Ω Load . . . . . . . . . . . . . 0.014%
• Crosstalk (20Hz to 20kHz). . . . . . . . . . . . . . . . . . . -100dB
• OFF-Isolation (20Hz to 100kHz) . . . . . . . . . . . . . . . 95dB
• Single Supply Operation (VDD) . . . . . . . . . . . . 2.7V to 5.0V
• -3dB Bandwidth USB Switch . . . . . . . . . . . . . . . . . 700MHz
• Available in µTQFN and TDFN Packages
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
• Pb-Free (RoHS Compliant)
Applications
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Audio/USB Switching
Application Block Diagram
ISL54211
USB
TRANSCEIVER
HIGH-SPEED
COM -
COM +
IN
GND
D-
D+
L
R
VDD
CTRL
LOGIC CONTROL
4M
Ω
4M
Ω
CLICK
AND
POP
VBUS
3.3V
200k
Ω
200k
Ω
µCONTROLLER
AUDIO
CODEC
Data Sheet
August 25, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL54211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54211IRTZ INTERSIL-ISL54211IRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54211IRTZ RENESAS-ISL54211IRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Podobny opis - ISL54211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com