Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54211IRUZ-T Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL54211IRUZ-T
Szczegółowy opis  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54211IRUZ-T Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL54211IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN6662.1
August 25, 2008
high-speed USB differential data signals with minimal edge
and phase distortion.
The ISL54211 was specifically designed for MP3 players,
personal media players and cellphone applications that need
to combine the audio headphone jack and the USB data
connector into a single shared connector, thereby saving
space and component cost. See “Typical Application Block
Diagrams” on page 9 regarding functionality.
The ISL54211 has a single logic control pin (IN) that selects
between the audio and the USB switches. This pin can be
driven low or high to switch between the audio CODEC
drivers and USB transceiver of the MP3 player or cellphone.
The ISL54211 also contains a logic control pin (CTRL) that
when driven low while IN is low, opens all switches and
activates the audio click and pop circuitry.
A detailed description of the two types of switches are
provided in the following sections. In a typical application,
the USB transmission and audio playback are intended to be
mutually exclusive operations.
Audio Switches
The two audio switches (L, R) are 2.5
Ω switches that can
pass signals that swing below ground. Crosstalk between
the audio switches is <-100dB over the audio band. These
switches have excellent OFF-isolation >105dB over the
audio band with a 32
Ω load.
Over a signal range of ±1V (0.707VRMS) with VDD > 2.7V,
these switches have an extremely low rON resistance
variation. They can pass ground referenced audio signals
with very low distortion (<0.06% THD+N) when delivering
15.6mW into a 32
Ω headphone speaker load. See Figures
16, 17, 18, and 19 (THD+N “Typical Performance Curves”
beginning on page 12).
The audio drivers should be connected at the L and R side of
the switch (pins 5 and 6 for µTQFN; pins 6 and 7 for TDFN)
and the speaker loads should be connected at the COM side
of the switch (pins 2 and 3 for µTQFN; pins 3 and 4 for
TDFN). The switches have click and pop circuitry on the L
and R side that is activated when the IN voltage is 0.5V or
floating and the CTRL voltage to 0.5V or floating. The
ISL54211 should be put in this mode before powering down
or powering up of the audio CODEC drivers. In this mode,
both the audio and USB in-line switches will be OFF and the
audio click and pop circuitry will be ON. The high
OFF-isolation of the audio switches along with the click and
pop circuitry will isolate the transients generated during
power-up and power-down of the audio CODECs from
getting through to the headphones, thus eliminating click and
pop noise in the headphones.
The audio switches are active (turned ON) whenever the IN
voltage is 0.5V or floating and the CTRL voltage to 1.4V.
USB Switches
The two USB switches (D+, D-) are 5.5
Ω bidirectional
switches that were specifically designed to pass high-speed
USB differential signals typically in the range of 0V to
400mV. The switches have low capacitance and high
bandwidth to pass USB high-speed signals (480Mbps) with
minimum edge and phase distortion to meet USB 2.0 signal
quality specifications. See Figure 20 for High-speed Eye
Pattern taken with the switch in the signal path.
These switches can also swing rail to rail and pass USB
full-speed signals (12Mbps) with minimal distortion. See
Figure 21 for Full-speed Eye Pattern taken with the switch in
the signal path.
The maximum signal range for the USB switches is from
-1.5V to VDD. The signal voltage at D- and D+ should not be
allow to exceed the VDD voltage rail or go below ground by
more than -1.5V.
The USB switches are active (turned ON) whenever the IN
voltage is to 1.4V.
ISL54211 Operation
The following sections discuss using the ISL54211 in the
“Typical Application Block Diagrams” on page 9.
VDD SUPPLY
The DC power supply connected at VDD (pin 10 for µTQFN,
pin 1 for TDFN) provides the required bias voltage for proper
switch operation. The part can operate with a supply voltage
in the range of 2.7V to 5.0V.
In a typical USB/Audio application for portable battery
powered devices, the VDD voltage will come from a battery
or an LDO and be in the range of 2.7V to 4.3V. For best
possible USB full-speed operation (12Mbps), it is
recommended that the VDD voltage be ≥2.7V in order to get
a USB data signal level above 2.7V.
LOGIC CONTROL
The state of the ISL54211 device is determined by the
voltage at the IN pin (pin 1 for µTQFN; pin 2 for TDFN) and
the CTRL pin (pin 9 for µTQFN, pin 10 for TDFN). These
logic pins are 1.8V logic compatible when VDD is in the
range of 2.7V to 3.6V and can be controlled by a standard
µprocessor. The part has three states or modes of operation:
Audio Mode; USB Mode; and Mute Mode. Refer to “Truth
Table” on page 2.
The IN pin and CTRL pin are internally pulled low through
4M
Ω resistors to ground and can be left floating or tri-stated
by the µprocessor. The CTRL control pin is only active when
IN is logic “0”.
Logic Control Voltage Levels
IN = Logic “0” (Low) when 0.5V or Floating.
IN = Logic “1” (High) when 1.4V
ISL54211


Podobny numer części - ISL54211IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54211IRUZ-T RENESAS-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Podobny opis - ISL54211IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com