Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54211IRTZ Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL54211IRTZ
Szczegółowy opis  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54211IRTZ Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL54211IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54211IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6662.1
August 25, 2008
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
D+, D-, L, R (Note 4) . . . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
IN (Note 4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
CTRL (Note 4) . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 4) . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (Audio Switches) . . . . . . . . . . . . . . . . . ±150mA
Peak Current (Audio Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±300mA
Continuous Current (USB Switches). . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (USB Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
10 Ld µTQFN Package (Note 5) . . . . .
160
N/A
10 Ld 3x3 TDFN Package (Notes 6, 7)
55
18
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. Signals on D+, D-, L, R, COM-, COM+, CTRL, IN exceeding VDD or GND by specified amount are clamped. Limit current to maximum current
ratings.
5.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VINH = 1.4V, VINL = 0.5V,
VCTRLH = 1.4V, VCTRLL = 0.5V, (Note 8), Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
(Note 12)
MAX
(Notes 9, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range,
VANALOG
VDD = 2.7V to 3.6V, IN = float, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON-Resistance, rON
VDD = 3.0V, IN = float, CTRL = 1.4V, ICOMx = 40mA, VL
or VR = -0.85V to 0.85V (see Figure 2)
+25
-
2.4
2.8
Ω
Full
-
-
3.8
Ω
rON Matching Between
Channels,
Δr
ON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA,
VL or VR = Voltage at max rON over signal range of
-0.85V to 0.85V, (Note 13)
+25
-
0.1
0.32
Ω
Full
-
-
0.4
Ω
rON Flatness, RFLAT(ON)
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA,
VL or VR = -0.85V to 0.85V, (Note 11)
+25
-
0.02
0.06
Ω
Full
-
-
0.07
Ω
Insertion Loss, GON
VDD = 3.0V, IN = 0.5V, CTRL = VDD, RLOAD = 32Ω
+25
-
-0.78
-
dB
Insertion Loss, GON
VDD = 3.0V, IN = 0.5V, CTRL = VDD, RLOAD = 15Ω
+25
-
-1.5
-
dB
Discharge Pull-Down
Resistance, RL, RR
VDD = 3.6V, IN = 0.5V, CTRL = 0.5V, VCOM- or
VCOM+ = -0.85V, 0.85V, VL or VR = -0.85V, 0.85V,
VD+ and VD- = floating; measure current through the
discharge pull-down resistor and calculate resistance
value.
+25
-
40
-
Ω
USB Switches (D+, D-)
Analog Signal Range,
VANALOG
VDD = 2.7V to 3.6V, IN = VDD, CTRL = 0V or VDD
Full
0
-
VDD
V
ON-Resistance, rON
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 1mA,
VD+ or VD- = 3.3V (see Figure 3)
+25
-
25
35
Ω
Full
-
-
40
Ω
ISL54211


Podobny numer części - ISL54211IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54211IRTZ INTERSIL-ISL54211IRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54211IRTZ RENESAS-ISL54211IRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211IRTZ-T INTERSIL-ISL54211IRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54211IRTZ-T RENESAS-ISL54211IRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Podobny opis - ISL54211IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com