Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3330 Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL3330
Szczegółowy opis  3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3330 Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL3330 Datasheet HTML 7Page - Intersil Corporation ISL3330 Datasheet HTML 8Page - Intersil Corporation ISL3330 Datasheet HTML 9Page - Intersil Corporation ISL3330 Datasheet HTML 10Page - Intersil Corporation ISL3330 Datasheet HTML 11Page - Intersil Corporation ISL3330 Datasheet HTML 12Page - Intersil Corporation ISL3330 Datasheet HTML 13Page - Intersil Corporation ISL3330 Datasheet HTML 14Page - Intersil Corporation ISL3330 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN6361.0
May 20, 2008
Test Circuits and Waveforms
FIGURE 1. RS-485 DRIVER VOD AND VOC TEST CIRCUIT
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RS-485 DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. RS-485 DRIVER ENABLE AND DISABLE TIMES
D
DEN
DY
VCC
VOD
VOC
R
R
Y
Z
RD
VCM
+
-
D
DEN
DY
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Y
Z
CL = 100pF
OUT (Z)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Y)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Z - Y)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DY
SKEW = |tPLH (Y OR Z) - tPHL (Z OR Y)|
0V
0V
tDHL
tDLH
D
DEN
DY
CL
500
Ω
Y
Z
VCC
GND
SW
SIGNAL
GENERATOR
FOR SHDN TESTS, SWITCH ON AND DEN L- H SIMULTANEOUSLY
PARAMETER OUTPUT
RXEN
DY
SW
CL (pF)
tHZ
Y/Z
X
0/1
GND
15
tLZ
Y/Z
X
1/0
VCC
15
tZH
Y/Z
X
0/1
GND
100
tZL
Y/Z
X
1/0
VCC
100
tZH(SHDN)
Y/Z
0
0/1
GND
100
tZL(SHDN)
Y/Z
0
1/0
VCC
100
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DEN
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZH(SHDN)
tZL(SHDN)
ENABLED
ISL3330, ISL3331


Podobny numer części - ISL3330

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3330 INTERSIL-ISL3330 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
More results

Podobny opis - ISL3330

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com