Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28448FVZ Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL28448FVZ
Szczegółowy opis  4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28448FVZ Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL28448FVZ Datasheet HTML 3Page - Intersil Corporation ISL28448FVZ Datasheet HTML 4Page - Intersil Corporation ISL28448FVZ Datasheet HTML 5Page - Intersil Corporation ISL28448FVZ Datasheet HTML 6Page - Intersil Corporation ISL28448FVZ Datasheet HTML 7Page - Intersil Corporation ISL28448FVZ Datasheet HTML 8Page - Intersil Corporation ISL28448FVZ Datasheet HTML 9Page - Intersil Corporation ISL28448FVZ Datasheet HTML 10Page - Intersil Corporation ISL28448FVZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6337.2
March 13, 2008
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT VOLTAGE NOISE 0.1Hz TO 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. ISL28148 ENABLE TO OUTPUT RESPONSE
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
FREQUENCY (Hz)
0.01
0.1
1
10
100
1k
10k
100k
V+ = 5V
AV = +2
Rf=1k Rg=1k
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
1
23
4
5
6789
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 10
AV = 10k
CL = 16.3pF
Rf = 100k
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
01
23456789
TIME (µs)
V+, V- = ±2.5V
RL = 1k
Rg = Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 3VP-P
10
0.010
0.015
0.020
0.025
01
2
3
456
78
9
10
TIME (µs)
V+, V- = ±2.5V
RL = 1k
Rg= Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 10mVP-P
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10203040
50
6070
80
90
100
TIME (µs)
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
V+ = 5V
Rg = Rf = 10k
AV = +2
VOUT = 1VP-P
CL = 16.3pF
VEN
VOUT
RL = 10k
ISL28148, ISL28248, ISL28448


Podobny numer części - ISL28448FVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28407 INTERSIL-ISL28407 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28407 INTERSIL-ISL28407 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational
ISL28407 INTERSIL-ISL28407 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28407 INTERSIL-ISL28407 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28407 INTERSIL-ISL28407 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

Podobny opis - ISL28448FVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com