Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54213IRUZ-T Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL54213IRUZ-T
Szczegółowy opis  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213IRUZ-T Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL54213IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54213IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6663.0
March 26, 2008
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
D+, D- (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 2V to 5.5V
L, R (Note 5) . . . . . . . . . . . . . . . . . . . . . . . - 2V to ((VDD) + 0.3V)
IN, CTRL (Note 5) . . . . . . . . . . . . . . . . . . -0.3V to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
Continuous Current (Audio Switches) . . . . . . . . . . . . . . . . . ±150mA
Peak Current (Audio Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±300mA
Continuous Current (USB Switches). . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (USB Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >250V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2kV
Thermal Resistance (Typical, Notes 6 and 7)
θ
JA (°C/W)
θ
JC (°C/W)
10 Ld 2.1mmx1.6mm µTQFN Package
154
48.3
10 Ld 3mmx3mm TDFN . . . . . . . . . . .
58
18
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Signals on D+, D-, L, R, COM-, COM+, CTRL and IN exceeding VDD or GND by specified amount are clamped. Limit current to maximum current
ratings.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply
Test Conditions: VDD = +3.0V, GND = 0V, VINH = VCTRLH = 1.4V, VINL = VCTRLL = 0.5V,
(Note 8), Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10) TYP
MAX
(Notes 9, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range, VANALOG VDD = 3.3V, IN = 0.5V, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON-resistance, rON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V , ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (see Figure 3, Note 12)
+25
-
2.5
2.8
Ω
Full
-
-
3.5
Ω
rON Matching Between
Channels,
ΔrON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V , ICOMx = 40mA, VL or
VR = Voltage at max rON over signal range of -0.85V to 0.85V
(Notes 12 and 13)
+25
-
0.1
0.25
Ω
Full
-
-
0.27
Ω
rON Flatness, rFLAT(ON)
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V , ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (Notes 11 and 12)
+25
-
0.02
0.05
Ω
Full
-
-
0.07
Ω
ON-resistance, rON
VDD = 5.0V, IN = 0V, CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (see Figure 3)
25
-
2.3
-
Ω
ON-resistance, rON
VDD = 4.2V, IN = 0V, CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (see Figure 3)
25
-
2.35
-
Ω
ON-resistance, rON
VDD = 2.85V, IN = 0V, CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (see Figure 3)
25
-
2.72
-
Ω
Discharge Pull-Down
Resistance, RL, RR
VDD = 3.6V, IN = 0V, CTRL = 0V , VL or VR = -0.85V, 0.85V, VD+
and VD- = floating; measure current through the discharge pull-
down resistor and calculate resistance value.
+25
-
65
-
k
Ω
USB Switches (D+, D-)
Analog Signal Range, VANALOG VDD = 2.7V to 3.6V, IN = 1.4V, CTRL = 1.4V
Full
0
-
VDD
V
ON-resistance, rON
(High-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA, VD+ or
VD- = 0V to 400mV (see Figure 4, Note 12)
25
-
5.5
6.5
Ω
Full
-
-
7
Ω
ISL54213


Podobny numer części - ISL54213IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54213IRUZ-T RENESAS-ISL54213IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
More results

Podobny opis - ISL54213IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54213 RENESAS-ISL54213 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com