Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29102 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL29102
Szczegółowy opis  Low Power Ambient Light-to-Voltage Non-Linear Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29102 Arkusz danych(HTML) 7 Page - Intersil Corporation

  ISL29102 Datasheet HTML 1Page - Intersil Corporation ISL29102 Datasheet HTML 2Page - Intersil Corporation ISL29102 Datasheet HTML 3Page - Intersil Corporation ISL29102 Datasheet HTML 4Page - Intersil Corporation ISL29102 Datasheet HTML 5Page - Intersil Corporation ISL29102 Datasheet HTML 6Page - Intersil Corporation ISL29102 Datasheet HTML 7Page - Intersil Corporation ISL29102 Datasheet HTML 8Page - Intersil Corporation ISL29102 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN6483.1
July 15, 2010
Application Information
Light-to-Voltage Conversion
The ISL29102 has responsiveness that is a square-root
function of the light intensity intercepted by the photodiode in
lux. Because the photodiode has a responsivity that
resembles the human eye, conversion rate is independent of
the light source (fluorescent light, incandescent light or direct
sunlight).
In Equation 1, VOUT is the output voltage, E is the light
intensity and REXT is the value of the external resistor. The
REXT is used to set the light-to-voltage scaling constant. The
compliance of the ISL29102's output circuit may result in
premature saturation when an excessively large REXT is
used. The output compliance voltage is 700mV below the
supply voltage as listed in VO-MAX of the “Electrical
Specifications” table on page 3.
Optical Sensor Location Outline
The green area in Figure 18 shows the optical sensor
location outline of ISL29102. Along the pinout direction, the
center line (CL) of the sensor coincides with that of the
packaging. The sensor width in this direction is 0.39mm.
Perpendicular to the pinout direction, the CL of the sensor
has an 0.19mm offset from the CL of packaging away from
pin 1. The sensor width in this direction is 0.46mm.
VOUT
1.8
μA
100lux
-----------------------
EREXT
×
=
(EQ. 1)
FIGURE 18. 6 LD ODFN SENSOR LOCATION OUTLINE
2.10mm
2.00mm
0.39mm
0.46mm
0.19mm
ISL29102


Podobny numer części - ISL29102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
ISL29102IROZ-EVALZ INTERSIL-ISL29102IROZ-EVALZ Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
Renesas Technology Corp
ISL29102IROZ-EVALZ RENESAS-ISL29102IROZ-EVALZ Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
More results

Podobny opis - ISL29102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com