Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54406EVAL1Z Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL54406EVAL1Z
Szczegółowy opis  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406EVAL1Z Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL54406EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL54406
5
FN6578.1
July 14, 2010
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 2.7V, VSEL1= 2.7V, RL = 50Ω,
CL = 10pF, (See Figure 1)
+25
-
5
-
µs
Turn-OFF Time, tOFF
VDD = 2.7V, VSEL1= 2.7V, RL = 50Ω,
CL = 10pF, (See Figure 1)
+25
-
45
-
ns
OFF-Isolation, Mute Mode
VDD = 3.0V, VSEL2 = 0V, VSEL1= 3.0V,
VLIN or VRIN = 0.707VRMS, RL = 32Ω,
f = 20Hz to 20kHz, (See Figure 3).
+25
-
110
-
dB
VDD = 3.0V, VSEL2 = 0V, VSEL1= 3.0V,
VLIN or VRIN = 0.707VRMS, RL = 20kΩ,
f = 20Hz to 20kHz, (See Figure 3).
+25
-
110
-
dB
Crosstalk
RIN to LOUT, LIN to ROUT
VDD = 3.0V, VSEL2 = 3.0V, VSEL1= 3.0V,
RL = 32Ω, f = 20Hz to 20kHz, VLIN or
VRIN = 0.707VRMS (2VP-P),
(See Figure 4)
+25
-
-90
-
dB
Total Harmonic Distortion
VDD = 3.0V, f = 20Hz to 20kHz,
VSEL2 =3.0V, VSEL1 = 3.0V, VLIN or
VRIN = 0.36VRMS (1VP-P), RL = 32Ω
+25
-
0.03
-
%
VDD = 3.0V, f = 20Hz to 20kHz,
VSEL2 =3.0V, VSEL1 = 3.0V, VLIN or
VRIN = 0.707VRMS (2VP-P), RL = 32Ω
+25
-
0.06
-
%
Click and Pop Reduction
(Note 17)
VDD = 3.0V, VSEL1= 3.0V, VSEL2 = 0V to
3.0V DC step, RL = 20kΩ, VINL or
VINR =0VDC to 1.5VDC step
(see Figure 6)
+25
-
>60
-
dB
VDD = 3.0V, VSEL1= 3.0V, VSEL2 = 0V to
3.0V DC step, RL = 32Ω, VINL or
VINR =0VDC to 1.5VDC step
(see Figure 6)
+25
-
>70
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
3.6
V
Positive Supply Current, IDD VDD = 3.6V, VSEL2 = 1.4V, VSEL1 = 1.4V +25
-
7
10
µA
Full
-
-
15
µA
Shutdown Current, ISHDN
VDD = 3.6V, VSEL2 = Float, VSEL1 = Float
25
-
-
50
nA
DIGITAL INPUT CHARACTERISTICS
SELx Voltage Low, VSELx_L
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
SELx Voltage High, VSELx_H VDD = 2.7V to 3.6V
Full
1.4
--
V
Input Low Current, ISEL2L,
ISEL1L
VDD = 3.6V, VSEL2 = 0V or Float,
VSEL1 = 0V or Float
Full
-20
2
20
nA
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VSELx_H = 1.4V,
VSELx_L= 0.5V, (Notes 11), Unless Otherwise Specified (Continued)
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS


Podobny numer części - ISL54406EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54406EVAL1Z INTERSIL-ISL54406EVAL1Z Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406EVAL1Z RENESAS-ISL54406EVAL1Z Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Podobny opis - ISL54406EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com