Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3179EFRZ Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL3179EFRZ
Szczegółowy opis  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFRZ Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL3179EFRZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 9Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 10Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 11Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 12Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 13Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 14Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN6365.2
April 22, 2008
Typical Performance Curves VCC = 3.3V, TA = +25°C; Unless Otherwise Specified
FIGURE 8. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 9. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
FIGURE 12. DRIVER DIFFERENTIAL PROPAGATION DELAY
vs TEMPERATURE
FIGURE 13. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
+25°C
+85°C
RD = 54Ω
RD = 100Ω
+125°C
3.3
RD = 33Ω
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
RD = 54Ω
RD = 100Ω
125
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
Y OR Z = HIGH
Y OR Z = LOW
-100
-50
0
50
100
150
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-40
-15
10
35
60
85
110
125
TEMPERATURE (°C)
DE = VCC, RE = X OR DE = GND, RE = GND
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
-40
-15
10
35
60
85
110 125
TEMPERATURE (°C)
tPLH
tPHL
0
0.05
0.10
0.15
0.20
0.25
-40
-15
10
35
60
85
110
125
TEMPERATURE (°C)
|tPLH - tPHL|
ISL3179E, ISL3180E


Podobny numer części - ISL3179EFRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3179EFRZ INTERSIL-ISL3179EFRZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFRZ RENESAS-ISL3179EFRZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Podobny opis - ISL3179EFRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com