Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22444UFV20Z Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL22444UFV20Z
Szczegółowy opis  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444UFV20Z Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL22444UFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6426.0
May 24, 2007
fcutoff
(Note 20)
-3dB cut off frequency
Wiper at midpoint (80hex) W option (10k)
1000
kHz
Wiper at midpoint (80hex) U option (50k)
250
kHz
Wiper at midpoint (80hex) T option (100k)
120
kHz
RESISTOR MODE (Measurements between RWi and RL i with RHi not connected, or between RWi and RHi with RLi not connected)
RINL
(Note 15)
Integral non-linearity
W option
-3
±1.5
3
MI
(Note 12)
U, T option
-1
±0.4
1
MI
(Note 12)
RDNL
(Note 14)
Differential non-linearity
W option
-1.5
±0.5
1.5
MI
(Note 12)
U, T option
-0.5
±0.15
0.5
MI
(Note 12)
Roffset
(Note 13)
Offset
W option
0
1
5
MI
(Note 12)
U, T option
0
0.5
2
MI
(Note 12)
RMATCH
(Note 16)
DCP to DCP matching
Wipers at the same tap position with the
same terminal voltages
-3
3
MI
(Note 12)
TCR
(Note 17, 20)
Resistance temperature coefficient
DCP register set between 32 hex and FFhex
±40
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = 5.5V, fSCK = 5MHz; (for SPI Active, Read
and Volatile Write states only)
0.6
1.0
mA
VCC = 2.25V, fSCK = 5MHz; (for SPI Active, Read
and Volatile Write states only)
0.25
0.5
mA
IV-1
V- Supply Current (volatile
write/read)
V- = -5.5V, VCC = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
-1.0
-0.3
mA
V- = -2.25V, VCC = 2.25V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
-0.5
-0.1
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = 5.5V, V- = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
1.0
2.0
mA
VCC = 2.25V, V- = -2.25V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
0.3
1.0
mA
IV-2
V- Supply Current (non-volatile
write/read)
V- = -5.5V, VCC = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
-2.0
-1.2
mA
V- Supply Current (non-volatile
write/read)
V- = -2.25V, VCC = 2.25V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
-1.0
-0.4
mA
ISB
VCC Current (standby)
VCC = +5.5V, V- = -5.5V @ +85°C, SPI interface
in standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, SPI interface
in standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, SPI
interface in standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, SPI
interface in standby state
0.5
2.0
µA
ISL22444


Podobny numer części - ISL22444UFV20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL22444UFV20Z RENESAS-ISL22444UFV20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

Podobny opis - ISL22444UFV20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com