Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29007 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL29007
Szczegółowy opis  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29007 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL29007 Datasheet HTML 3Page - Intersil Corporation ISL29007 Datasheet HTML 4Page - Intersil Corporation ISL29007 Datasheet HTML 5Page - Intersil Corporation ISL29007 Datasheet HTML 6Page - Intersil Corporation ISL29007 Datasheet HTML 7Page - Intersil Corporation ISL29007 Datasheet HTML 8Page - Intersil Corporation ISL29007 Datasheet HTML 9Page - Intersil Corporation ISL29007 Datasheet HTML 10Page - Intersil Corporation ISL29007 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6282.1
September 21, 2010
Application Information
Light-to-Current and Voltage Conversion
The ISL29006, ISL29007 and ISL29008 have
responsiveness that is directly proportional to the intensity of
light intercepted by the photodiode arrays. Conversion rate
is independent of the light sources (fluorescent light,
incandescent light or direct sunlight).
Here, IOUT is the output current in µA, and E is the input light
in lux.
For some applications, a load resistor is added between the
output and the ground, as shown in Figure 1. The output
voltage can be expressed in Equation 2:
Here, VOUT is the output voltage and RL is the value of the
external load resistor. The compliance of the ISL29006's
output circuit may result in premature saturation of the
output current and voltage when an excessively large RL is
used. The output compliance voltage is 300mV below the
supply voltage as listed in VO-MAX of the “Electrical
Specifications” table on page 3.
In order to have the linear relationship between the input
light and the output current and voltage, a proper resistor
value (i.e., gain) should be picked for a specific input light
range. The resistor value can be picked according to
Equation 3:
Here, VSUP is the supply voltage and ERANGE is the specific
input light range for an application. For example, an indoor
light ranges typically from 0 lux to 1,000 lux. A resistor value
of 270k
Ω for 3V supply voltage can be used. For a small light
range, a large resistor value should be used to achieve
better sensitivity; for a large light range, a small resistor
value should be used to prevent non-linear output current
and voltage.
Application Examples
The following examples present from fully automatic to fully
manual override implementations. These guidelines are
applicable to a wide variety of potential light control
applications. The ISL29006, ISL29007 and ISL29008 can be
used to control the brightness input of CCFL inverters.
Likewise, it can interface well with LED drivers. In each
specific application, it is important to recognize the target
environment and its ambient light conditions. The
mechanical mounting of the sensor, light aperture hole size
and use of a light pipe or bezel are critical in determining the
response of the ambient light detector for a given exposure
of light.
The example in Figure 20 shows a fully automatic dimming
solution with no user interaction. Choose R1 and R2 values
for any desired minimum brightness and slope. Choose C1
to adjust response time and to filter 50/60Hz room lighting.
For example, suppose you wish to generate an output
voltage from 0.25V to 1.2V to drive the input of an LED driver
controller. The 0.25V represents the minimum LED
brightness and 1.2V represents the maximum. The 1st step
would be to determine the ratio of R1 and R2 in Equation 4:
Next, the value of R2 can be calculated based on the
maximum output current coming from the ISL29006 under
the application's maximum light exposure. Suppose the
current has been determined to be about 2µA. Thus, R2 can
be approximately calculated using Equations 5 and 6:
and Equation 6:
In Figure 20, the 3VDC supply can be replaced with a user
adjustable bias control, such as 3V PWM control to allow
control over the minimum and maximum output voltage.
Figure 21 shows that ISL29006 is used to provide automatic
dimming control.
Short Circuit Current Limit
The ISL29006, ISL29007 and ISL29008 do not limit the
output short circuit current. If the output is directly shorted to
the ground continuously, the output current could easily
increase for a strong input light such that the device may be
damaged. Maximum reliability is maintained if the output
continuous current never exceeds 6mA by adding a load
I
OUT
1.6
μA
100lux
-------------------
⎝⎠
⎛⎞
E
×
=
(EQ. 1)
V
OUT
I
OUT
R
L
×
1.6
μA
100lux
-------------------
⎝⎠
⎛⎞
ER
L
×
×
==
(EQ. 2)
R
L
V
SUP
0.3V
()
1.6
μA
---------------------------------------
100lux
E
RANGE
------------------------
×
=
(EQ. 3)
R
1
R
2
3.0V
0.25V
----------------
1
⎝⎠
⎛⎞
×
11
R
2
×
==
(EQ. 4)
3V TO 5V
SUPPLY VOLTAGE
3V DC VOLTAGE
ISL29006
ISRC
GND
VDD
TO INVERTER BRIGHTNESS
CONTROLLER
C1
R2
R1
FIGURE 20.
60k
25µF
660k
INPUT OR LED DRIVER
R
2
1.2V
2
μA
------------
⎝⎠
⎛⎞
60k
Ω
==
(EQ. 5)
R
1
11
R
2
×
660k
Ω
==
(EQ. 6)
ISL29006, ISL29007, ISL29008


Podobny numer części - ISL29007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29007 INTERSIL-ISL29007 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29007IROZ-T7 INTERSIL-ISL29007IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
logo
Renesas Technology Corp
ISL29007IROZ-T7 RENESAS-ISL29007IROZ-T7 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

Podobny opis - ISL29007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com