Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54205BIRTZ Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL54205BIRTZ
Szczegółowy opis  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205BIRTZ Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL54205BIRTZ Datasheet HTML 5Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 6Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 7Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 8Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 9Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 10Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 11Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 12Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6557.0
September 25, 2007
Application Block Diagram
Detailed Description
The ISL54205B device is a dual single pole/double throw
(SPDT) analog switch device that operates from a single DC
power supply in the range of 2.7V to 3.6V. It was designed to
function as a dual 2 to 1 multiplexer to select between USB
differential data signals and audio L and R stereo signals. It
comes in tiny µTQFN and TDFN packages for use in MP3
players, PDAs, cell phones, and other personal media
players.
The part consists of two 3
Ω audio switches and two 5Ω USB
switches. The audio switches can accept signals that swing
below ground. They were designed to pass audio left and
right stereo signals, that are ground referenced, with minimal
distortion. The USB switches were designed to pass
high-speed USB differential data signals with minimal edge
and phase distortion.
The ISL54205B was specifically designed for MP3 players,
cell phones and other personal media player applications
that need to combine the audio headphone jack and the
USB data connector into a single shared connector, thereby
saving space and component cost. See “Application Block
Diagram” on page 9.
The ISL54205B incorporates circuitry for the detection of the
USB VBUS voltage, which is used to switch between the
audio CODEC drivers and USB transceiver of the MP3
player or cell phone. The ISL54205B contains a logic control
pin (CTRL) that when driven low while VBUS is low, opens all
switches and puts the part into a low power state, drawing
typically 1nA of IDD current.
A detailed description of the two types of switches is
provided in the following sections. The USB transmission
and audio playback are intended to be mutually exclusive
operations.
Audio Switches
The two audio switches (L, R) are 3
Ω switches that can pass
signals that swing below ground. Crosstalk between the
audio switches over the audio band is <-110dB.
Over a signal range of ±1V (0.707VRMS) with VDD >2.7V,
these switches have an extremely low rON resistance
variation. They can pass ground referenced audio signals
with very low distortion (<0.06% THD+N) when delivering
15.6mW into a 32
Ω headphone speaker load. See Figures 8,
9, 10, and 11 THD+N in the “Typical Performance Curves on
page 11.
These switches are uni-directional switches. The audio
drivers should be connected at the L and R side of the switch
(pins 7 and 8) and the speaker loads should be connected at
the COM side of the switch (pins 3 and 4).
The audio switches are active (turned ON) whenever the
VBUS voltage is to VDD + 0.2V or floating and the CTRL
voltage to 1.4V.
Note: Whenever the audio switches are ON the USB
transceivers need to be in the high impedance state.
USB Switches
The two USB switches (D+, D-) are bidirectional switches
that can pass rail-to-rail signals. When powered with a 3.6V
supply these switches have a nominal r(ON) of 4.6Ω over the
signal range of 0V to 400mV with a r(ON) flatness of 0.4Ω.
The r(ON) matching between the D+ and D- switches over
this signal range is only 0.06
Ω ensuring minimal impact by
the switches to USB high speed signal transitions. As the
signal level increases the r(ON) resistance increases. At
signal level of 3.3V the switch resistance is nominally 23
Ω.
The USB switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals typically in the
range of 0V to 400mV. They have low capacitance and high
bandwidth to pass the USB high-speed signals with
ISL54205B
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM -
COM +
VBUS
GND
D-
D+
L
R
VDD
CTRL
LOGIC CIRCUITRY
µCONTROLLER
22k
Ω
4M
Ω
4M
Ω
50k
Ω
50k
Ω
ISL54205B


Podobny numer części - ISL54205BIRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54205BIRTZ RENESAS-ISL54205BIRTZ Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205BIRTZ-T RENESAS-ISL54205BIRTZ-T Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Podobny opis - ISL54205BIRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com