Zakładka z wyszukiwarką danych komponentów |
|
ISL29009IROZ-T7 Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL29009IROZ-T7 Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 7 page 2 FN6484.0 July 1, 2008 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . 3.6V Pin Voltage (IOUT and EN) . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . 6mA Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V Thermal Resistance θJA (°C/W) 6 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/data/tb/TB477.pdf CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications VDD = 3V, TA = +25°C, EN = 0, RL = 100kΩ at IOUT pin, green LED light, unless otherwise specified. PARAMETER DESCRIPTION CONDITION MIN TYP MAX UNIT E Range of Input Light Intensity 0.3 to 10k lux VDD Power Supply Range 1.8 3.3 V IDD Supply Current E = 1000 lux 9 14 µA E = 100 lux 3 µA E = 0 lux 0.25 µA ISD Supply Current when Shut Down EN = VDD 250 350 nA IOUT1 Light-to-Current Accuracy E = 100 lux 1.8 µA IOUT2 Light-to-Current Accuracy E = 1000 lux 4.6 5.7 6.8 µA IDARK Dark Current Output in the Absence of Light E = 0 lux, RL = 10MΩ 25 nA ΔIOUT Output Current Variation Over Three Light Sources: Fluorescent, Incandescent and Halogen 10 % VO-MAX IOUT Max Output Compliance Voltage at 95% of Nominal Output E = 1000 lux VDD - 0.2 V tR IOUT Rise Time (Note 1) RL = 100kΩ, E = 300 lux from 0 Lux 70 µs RL = 100kΩ, E = 1000 lux from 0 Lux 20 µs tF IOUT Fall Time (Note 1) RL = 100kΩ, E = 300 lux to 0 Lux 2410 µs RL = 100kΩ, E = 1000 lux to 0 Lux 1290 µs tD IOUT Delay Time for Rising Edge (Note 1) RL = 100kΩ, E = 300 lux from 0 Lux 600 µs RL = 100kΩ, E = 1000 lux from 0 Lux 280 µs tS IOUT Delay Time for Falling Edge (Note 1) RL = 100kΩ, E = 300 lux to 0 Lux 75 µs RL = 100kΩ, E = 1000 lux to 0 Lux 5µs VLO Maximum Voltage at EN pin to Enable 0.5 V VHI Minimum Voltage at EN pin to Disable VDD - 0.5 V ILO Input Current at EN pin V EN = 0V 1 nA IHI Input Current at EN pin V EN = 3V 1 nA ISL29009 |
Podobny numer części - ISL29009IROZ-T7 |
|
Podobny opis - ISL29009IROZ-T7 |