Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ459 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części 2SJ459
Szczegółowy opis  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ459 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  2SJ459 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ459 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ459 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ459 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ459
No.5423-3/4
--50
--25
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.5
2.0
2.5
3.0
3.5
0
--2
--4
--6
--8
--12
--14
--10
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
IT03688
IT03686
ID -- VDS
Drain-to-Source Voltage, VDS -- V
0
--5
--10
--15
--20
0
--1
--2
--3
--5
--4
--6
--7
--10.0V
IT03687
Gate-to-Source Voltage, VGS -- V
0
--2.5
--5.0
--7.5
--10.0
--12.5
--15.0
0
--1
--2
--3
--4
--5
--6
25
°C
75
°C
VDS= --10V
Tc=25
°C
ID -- VGS
Tc= --25°C
--4.0V
--5.0V
--6.0V
--4.5V
IT03689
RDS(on) -- Tc
Case Temperature, Tc --
°C
VGS= --3.5V
ID= --4A
--2A
--1A
VGS
= --10V
--20V
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
0
--5
--10
--15
--20
--25
--30
10
1000
2
3
5
7
10000
100
2
3
5
7
2
3
5
7
7
--0.1
IT03693
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
f=1MHz
Ciss
Coss
Crss
5
--1.0
2
3
5
7
--10
2
3
2
3
5
7
IT03692
IF -- VSD
Diode Forward Voltage, VSD -- V
IT03690
Drain Current, ID -- A
VDS= --10V
--1.0
--0.1
27
5
3
32
7
5
--10
--0.1
--1.0
2
3
5
7
--10
2
3
5
7
yfs -- ID
Tc=
--25
°C
25°
C
75°
C
--50
--25
0
25
50
75
100
125
150
0
IT03691
VGS(off) -- Tc
Case Temperature, Tc --
°C
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
--5.0
VGS=0
VDS= --10V
ID= --1mA


Podobny numer części - 2SJ459

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ450 HITACHI-2SJ450 Datasheet
44Kb / 9P
   Silicon P-Channel MOS FET
2SJ451 HITACHI-2SJ451 Datasheet
40Kb / 8P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ451 RENESAS-2SJ451 Datasheet
110Kb / 7P
   Silicon P Channel MOS FET
2SJ451ZK-TL-E RENESAS-2SJ451ZK-TL-E Datasheet
110Kb / 7P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ451ZK-TL-E VBSEMI-2SJ451ZK-TL-E Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Podobny opis - 2SJ459

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com