Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29020 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL29020
Szczegółowy opis  A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29020 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL29020 Datasheet HTML 3Page - Intersil Corporation ISL29020 Datasheet HTML 4Page - Intersil Corporation ISL29020 Datasheet HTML 5Page - Intersil Corporation ISL29020 Datasheet HTML 6Page - Intersil Corporation ISL29020 Datasheet HTML 7Page - Intersil Corporation ISL29020 Datasheet HTML 8Page - Intersil Corporation ISL29020 Datasheet HTML 9Page - Intersil Corporation ISL29020 Datasheet HTML 10Page - Intersil Corporation ISL29020 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6505.0
September 26, 2008
Suggested PCB Footprint
It is important that the users check the “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead
(ODFN) Package” before starting ODFN product board
mounting.
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29020 is relatively insensitive to layout. Like other
I2C devices, it is intended to provide excellent performance
even in significantly noisy environments. There are only a
few considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use one 0.01µF power-supply decoupling
capacitor, placed close to the device.
Typical Circuit
A typical application for the ISL29020 is shown in Figure 6.
The ISL29020’s I2C address is hardwired as 1000100. The
device can be tied onto a system’s I2C bus together with
other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic
ODFN package does not require a custom reflow soldering
profile, and is qualified to +260°C. A standard reflow soldering
profile with a +260°C maximum is recommended.
DLENS
t
L
DLENS
LIGHT PIPE
ISL29020
D2
D2 > 1.5mm
FIGURE 5. WINDOW WITH LIGHT GUIDE/PIPE
FIGURE 6. ISL29020 TYPICAL CIRCUIT
VDD
1
GND
2
REXT
3
A0
4
SCL
5
SDA
6
ISL29020
R1
10k
Ω
R2
10k
Ω
REXT
500k
C1
0.01µF
2.25V TO 3.3V
MICROCONTROLLER
SDA
SCL
I2
C SLAVE_0
I2
C SLAVE_1
I2
C SLAVE_n
I2
C MASTER
SCL
SDA
SCL
SDA
1.7V TO 3.6V
ISL29020


Podobny numer części - ISL29020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Renesas Technology Corp
ISL29020 RENESAS-ISL29020 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
More results

Podobny opis - ISL29020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29020 RENESAS-ISL29020 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
logo
Renesas Technology Corp
ISL76682 RENESAS-ISL76682 Datasheet
719Kb / 19P
   Automotive Low Power, High Sensitivity, Light-to-Digital Sensor with I2C Interface
Oct 6, 2021
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com