Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA5260M Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części CA5260M
Szczegółowy opis  3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5260M Arkusz danych(HTML) 3 Page - Intersil Corporation

  CA5260M Datasheet HTML 1Page - Intersil Corporation CA5260M Datasheet HTML 2Page - Intersil Corporation CA5260M Datasheet HTML 3Page - Intersil Corporation CA5260M Datasheet HTML 4Page - Intersil Corporation CA5260M Datasheet HTML 5Page - Intersil Corporation CA5260M Datasheet HTML 6Page - Intersil Corporation CA5260M Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . 16V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V)
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 4). . . . . . . . . . . . . . . . Indefinite
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
157
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. Short circuit may be applied to ground or to either supply.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Typical Values Intended Only for Design Guidance, V+ = 5V, V- = 0V, TA = +25°C, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
CA5260
CA5260A
Input Resistance
RI
1.5
1.5
T
Ω
Input Capacitance
CI
f = 1MHz
4.3
4.3
pF
Unity Gain Crossover Frequency
fT
3
3
MHz
Slew Rate
SR
VOUT = 2.5VP-P
5
5
V/µs
Transient Response
CL = 25pF, RL = 2kΩ
(Voltage Follower)
Rise Time
tr
0.09
0.09
µs
Overshoot
OS
10
10
%
Settling Time (To <0.1%, VIN = 4VP-P)
tS
CL = 25pF, RL = 2kΩ
(Voltage Follower)
1.8
1.8
µs
3
FN1929.8
August 3, 2010
CA5260, CA5260A
Electrical Specifications
TA = +25°C, V+ = 5V, V- = 0V
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5260
CA5260A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VO = 2.5V
-
2
15
-
1.5
4
mV
Input Offset Current
IIO
VO = 2.5V
-
1
10
-
1
10
pA
Input Current
II
VO = 2.5V
-
2
15
-
2
15
pA
Common Mode Rejection
Ratio
CMRR
VCM = 0V to 1V
70
85
-
74
85
-
dB
VCM = 0V to 2.5V
50
55
-
50
55
-
dB
Common Mode Input
Voltage Range
VlCR+
2.5
3
-
2.5
3
-
V
VlCR-
-
-0.5
0
-
-0.5
0
V
Power Supply Rejection
Ratio
PSRR
ΔV+ = 1V; ΔV- = 1V
70
84
-
75
84
-
dB
Large Signal Voltage Gain
(Note 6)
AOL
RL = , VO = 0.5V to 4V
-
111
-
-
113
-
dB
RL = 10kΩ,
VO = 0.5V to 3.6V
80
86
-
83
86
-
dB
Source Current
ISOURCE VO = 0V
1.75
2.2
-
1.75
2.2
-
mA
Sink Current
ISINK
VO = 5V
1.70
2
-
1.70
2
-
mA


Podobny numer części - CA5260M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA5260M INTERSIL-CA5260M Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260M RENESAS-CA5260M Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260MZ INTERSIL-CA5260MZ Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260MZ RENESAS-CA5260MZ Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260MZ96 INTERSIL-CA5260MZ96 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results

Podobny opis - CA5260M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com