Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ503 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części 2SJ503
Szczegółowy opis  DC/DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ503 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  2SJ503 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ503 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ503 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ503 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ503
No.5932–3/4
ID - VDS
ID - VGS
RDS(on) - VGS
Tc=25
°C
VDS=-10V
VDS=-10V
23
5
7
23
5
7
23
5
7
VGS=-3.0V
-8.0V -6.0V
-4.0V
-3.5V
ID=-4A
-2A
2
3
5
7
2
3
5
7
2
3
5
7
Tc=
-25
°C
25°
C
75°
C
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-2
0
-4
-6
-8
-10
-12
-14
-16
-18
-20
0.01
0.1
1.0
10
-0.01
-0.1
-1.0
-10
-2
-1
0
-4
-3
-5
0
0
-2
-4
-8
-1
-3
-5
-6
-7
-1.0
-2.0
-4.0
-3.0
-0.5
-1.5
-3.5
-2.5
40
0
80
120
200
20
60
100
140
160
180
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID – A
Gate-to-Source Voltage, VGS –V
| yfs | - ID
Ciss,Coss,Crss - VDS
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
2
3
5
7
2
3
5
7
2
3
5
7
VDS=-10V
ID=-4A
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
100
10
1000
10000
0
-5
-10
-15
-20
-25
-30
6
12
16
28
410
14
0
R DS(on) - Tc
VGS=0
2
3
5
7
2
3
5
7
2
3
5
7
I F - VSD
020
-20
-40
-60
40
60
80
100
120
160
140
ID=
-2A,VGS
=-4V
ID=-4A,VGS
=-10V
-0.01
-0.1
-1.0
-10
0
-0.2
-0.4
-0.6
-1.0
-0.8
-1.4
-1.2
50
0
100
300
150
200
250
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg – nC
Diode Forward Voltage, VSD –V
Case Temperature, Tc– ˚C


Podobny numer części - 2SJ503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SJ50 HITACHI-2SJ50 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
logo
Sanyo Semicon Device
2SJ501 SANYO-2SJ501 Datasheet
238Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ502 SANYO-2SJ502 Datasheet
170Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Hitachi Semiconductor
2SJ504 HITACHI-2SJ504 Datasheet
51Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ504 RENESAS-2SJ504 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
More results

Podobny opis - 2SJ503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com